Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6150XX149421 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 6150XX149421
Description  HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

6150XX149421 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  6150XX149421 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 6150XX149421 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 6150XX149421 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
23-JUL-14
PDF
AS
B
10-SEP-15
ADDITION TABLE
AK
C
D
E
F
G
APPROVAL: JTs
UNIT: MM
DESCRIPTION: HORIZONTAL PLASTIC 6P6C
ASSEMBLY MODULAR JACK TAB UP
SCALE:
SHEET: 1/3
WERI PART NO: 615 0xx 149 421
DRAW: AS
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.3
.XX = +/- 0.20
RoHS Compliant
PCB LAYOUT - COMPONENT VIEW
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PBT
FLAMMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED CONTACT
PLATING: GOLD
METAL PIN: BRASS NI PLATED
QUALITY CLASS: 500 MATING CYLCES
ENVIRONMENTAL
OPERATING TEMPERATURE: -40°C UP TO +85°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 1.5 A
WORKING VOLTAGE: 120 VAC
INSULATION RESISTANCE: >500 MΩ
WITHSTANDING VOLTAGE: 1000 VAC/min
CONTACT RESISTANCE: 20 mΩ max
STANDARD
CERTIFIED: E324776
SOLDERING
JEDEC LEAD FREE WAVE SOLDERING PROCESS
PACKAGING
TRAY
METAL PEG
A±0.2
B±0.3
A±0.2
size
A
12
18
24
xx
2
3
4
11.00
22.00
33.00
ports
B
28.20
39.20
50.20


Similar Part No. - 6150XX149421

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6150xx149421 WURTH-6150xx149421 Datasheet
668Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
6150xx149421 WURTH-6150xx149421 Datasheet
668Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
6150XX149421 WURTH-6150XX149421 Datasheet
461Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
6150XX149421 WURTH-6150XX149421 Datasheet
461Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
6150XX149421 WURTH-6150XX149421 Datasheet
461Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
More results

Similar Description - 6150XX149421

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
615012149421 WURTH-615012149421 Datasheet
461Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
615024149421 WURTH-615024149421 Datasheet
461Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
615006149421L WURTH-615006149421L Datasheet
668Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
615006149421R WURTH-615006149421R Datasheet
668Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
615018149421 WURTH-615018149421 Datasheet
461Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
6150XX149521 WURTH-6150XX149521 Datasheet
711Kb / 3P
   HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
615024149521 WURTH-615024149521 Datasheet
709Kb / 3P
   HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
B 10-SEP-15
615032149521 WURTH-615032149521 Datasheet
709Kb / 3P
   HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
B 10-SEP-15
615008149521R WURTH-615008149521R Datasheet
711Kb / 3P
   HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
615008149521M WURTH-615008149521M Datasheet
711Kb / 3P
   HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com