Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1761-CN08 Datasheet(PDF) 5 Page - Analog Devices

Part # AIC1761-CN08
Description  BATTERY CHARGE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AIC1761-CN08 Datasheet(HTML) 5 Page - Analog Devices

  AIC1761-CN08 Datasheet HTML 1Page - Analog Devices AIC1761-CN08 Datasheet HTML 2Page - Analog Devices AIC1761-CN08 Datasheet HTML 3Page - Analog Devices AIC1761-CN08 Datasheet HTML 4Page - Analog Devices AIC1761-CN08 Datasheet HTML 5Page - Analog Devices AIC1761-CN08 Datasheet HTML 6Page - Analog Devices AIC1761-CN08 Datasheet HTML 7Page - Analog Devices AIC1761-CN08 Datasheet HTML 8Page - Analog Devices AIC1761-CN08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AIC1761/1766
BATTERY CHARGE CONTROLLER
SPEC NO: DS-1761-02
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
5
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
VBT (High) Limit vs Temperature
(V)
Temperature (
°C)
0
204060
80
3.4
3.6
3.8
3.7
3.5
VBT (Low) Limit vs Temperature
Temperature (
°C)
020
40
60
80
0.55
0.63
0.71
0.59
0.67
Safety Timer vs Temperature
(MODE pin = VDD)
Temperature (
°C)
0
2040
6080
35
37
39
41
43
45
BLOCK DIAGRAM
CHARGE CONTROL
STATE MACHINE
13-Bit
ADC
Mode
Select
Timing
Control
Oscillator
Power On
Reset
+
-
VR1
VR2
LED
VDD
VREF
Voltage
Regulator
GND
+
-
VR3
VR4
+
-
-
+
VBT
VOUT
MODE
TIMER
VNTC (for 14 pin version)
FLASH
(for 14 pin version)


Similar Part No. - AIC1761-CN08

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CX AIC-AIC1714-30CX Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CZ AIC-AIC1714-30CZ Datasheet
162Kb / 5P
   Negative Voltage Regulator
More results

Similar Description - AIC1761-CN08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com