Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8254AAYFT-TB-U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8254AAYFT-TB-U
Description  BATTERY PROTECTION IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254AAYFT-TB-U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8254AAYFT-TB-U Datasheet HTML 3Page - Seiko Instruments Inc S-8254AAYFT-TB-U Datasheet HTML 4Page - Seiko Instruments Inc S-8254AAYFT-TB-U Datasheet HTML 5Page - Seiko Instruments Inc S-8254AAYFT-TB-U Datasheet HTML 6Page - Seiko Instruments Inc S-8254AAYFT-TB-U Datasheet HTML 7Page - Seiko Instruments Inc S-8254AAYFT-TB-U Datasheet HTML 8Page - Seiko Instruments Inc S-8254AAYFT-TB-U Datasheet HTML 9Page - Seiko Instruments Inc S-8254AAYFT-TB-U Datasheet HTML 10Page - Seiko Instruments Inc S-8254AAYFT-TB-U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_00
S-8254A Series
7
Electrical Characteristics
Table 4 (1 / 2)
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
[ DETECTION VOLTAGE ]
Overcharge detection voltage n
(n
= 1, 2, 3, 4)
VCUn
3.9 V to 4.4 V, Adjustable
VCUn
− 0.025
VCUn
VCUn
+ 0.025
V
2
Overcharge release voltage n
(n
= 1, 2, 3, 4)
VCLn
3.8 V to 4.4 V,
Adjustable
VCL
≠ VCU
VCLn
− 0.05
VCLn
VCLn
+ 0.05
V
2
VCL
= VCU
VCLn
− 0.025
VCLn
VCLn
+ 0.025
V
2
Overdischarge detection voltage n
(n
= 1, 2, 3, 4)
VDLn
2.0 V to 3.0 V, Adjustable
VDLn
− 0.08
VDLn
VDLn
+ 0.08
V
2
Overdischarge release voltage n
(n
= 1, 2, 3, 4)
VDUn
2.0 V to 3.4 V,
Adjustable
VDL
≠ VDU
VDUn
− 0.10
VDUn
VDUn
+ 0.10
V
2
VDL
= VDU
VDUn
− 0.08
VDUn
VDUn
+ 0.08
V
2
Overcurrent detection voltage 1
VIOV1
0.05 V to 0.3 V, Adjustable
VIOV1
− 0.025
VIOV1
VIOV1
+ 0.025
V
2
Overcurrent detection voltage 2
VIOV2
0.4
0.5
0.6
V
2
Overcurrent detection voltage 3
VIOV3
VVC1
− 1.5
VVC1
− 1.2
VVC1
− 0.9
V
2
Temperature coefficient 1
*1
TCOE1
Ta
= 0°C to 50°C
*3
− 1.0
0
1.0
mV / °C
2
Temperature coefficient 2
*2
TCOE2
Ta
= 0°C to 50°C
*3
− 0.5
0
0.5
mV / °C
2
[ DELAY TIME ]
Overcharge detection delay time
tCU
CCT pin capacitance
= 0.1 μF
0.5
1.0
1.5
s
3
Overdischarge detection
delay time
tDL
CDT pin capacitance
= 0.1 μF
50
100
150
ms
3
Overcurrent detection
delay time 1
tIOV1
CDT pin capacitance
= 0.1 μF
5
10
15
ms
3
Overcurrent detection
delay time 2
tIOV2
0.4
1
1.6
ms
3
Overcurrent detection
delay time 3
tIOV3
FET gate capacitance
= 2000 pF
100
300
600
μs
3
[ 0 V BATTERY CHARGE FUNCTION ]
0 V battery charge
starting charger voltage
V0CHA
0 V battery charging available
0.8
1.5
V
4
0 V battery charge
inhibition battery voltage
V0INH
0 V battery charging unavailable
0.4
0.7
1.1
V
4
[ INTERNAL RESISTANCE ]
Resistance between
VMP and VDD
RVMD
0.5
1
1.5
M
Ω
5
Resistance between
VMP and VSS
RVMS
450
900
1800
k
Ω
5


Similar Part No. - S-8254AAYFT-TB-U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8254AAYFT-TB-X ABLIC-S-8254AAYFT-TB-X Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254AAYFT-TB-U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com