Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8254AAVFT-TB-U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8254AAVFT-TB-U
Description  BATTERY PROTECTION IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254AAVFT-TB-U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8254AAVFT-TB-U Datasheet HTML 7Page - Seiko Instruments Inc S-8254AAVFT-TB-U Datasheet HTML 8Page - Seiko Instruments Inc S-8254AAVFT-TB-U Datasheet HTML 9Page - Seiko Instruments Inc S-8254AAVFT-TB-U Datasheet HTML 10Page - Seiko Instruments Inc S-8254AAVFT-TB-U Datasheet HTML 11Page - Seiko Instruments Inc S-8254AAVFT-TB-U Datasheet HTML 12Page - Seiko Instruments Inc S-8254AAVFT-TB-U Datasheet HTML 13Page - Seiko Instruments Inc S-8254AAVFT-TB-U Datasheet HTML 14Page - Seiko Instruments Inc S-8254AAVFT-TB-U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_00
S-8254A Series
11
4. 0 V Battery Charge Starting Charger Voltage (Product with 0 V Battery Charge Function), 0 V
Battery Charge Inhibition Battery Voltage (Product with 0 V Battery Charge Inhibition Function)
(Test circuit 4)
Either the 0 V battery charge starting charger voltage or the 0 V battery charge inhibition battery voltage
is applied to each product according to the 0 V battery charge function.
4. 1 0 V Battery Charge Starting Charger Voltage (V0CHA) (Product with 0 V Battery Charge
Function)
The starting condition is V1
= V2 = V3 = V4 = 0 V for a product in which 0 V battery charging is
available. The COP pin voltage should be lower than V0CHA max.
− 1 V when the VMP pin voltage
VVMP
= V0CHA max.
4. 2 0 V Battery Charge Inhibition Battery Voltage (V0INH) (Product with 0 V Battery Charge
Inhibition Function)
The starting condition is V1
= V2 = V3 = V4 = V0INH for a product in which 0 V battery charging is
inhibited. The COP pin voltage should be higher than VVMP
− 1 V when the VMP pin voltage VVMP =
24 V.
5. Resistance between VMP and VDD, Resistance between VMP and VSS, VC1 Pin Current, VC2 Pin
Current, VC3 Pin Current, VC4 Pin Current, CTL pin Current “H”, CTL Pin Current “L”, SEL Pin
Current “H”, SEL Pin Current “L”, COP Pin Leakage Current, COP Pin Sink Current, DOP Pin
Source Current, DOP Pin Sink Current
(Test circuit 5)
VVMP
= VSEL = VDD, VINI = VCTL = VSS, V1 = V2 = V3 = V4 = 3.5 V, and other pins left “open” (this status is
referred to as the initial status).
5. 1 Resistance between VMP and VDD (RVMD)
The resistance between VMP and VDD (RVMD) is obtained from RVMD
= VDD / IVMD using the current
value of the VMP pin (IVMD) when VVMP is VSS after the initial status.
5. 2 Resistance between VMP and VSS (RVMS)
The resistance between VMP and VSS (RVMS) is obtained from RVMS
= VDD / IVMS using the current
value of the VMP pin (IVMS) when V1
= V2 = V3 = V4 = 1.8 V after the initial status.
5. 3 VC1 Pin Current (IVC1), VC2 Pin Current (IVC2), VC3 Pin Current (IVC3), VC4 Pin Current (IVC4)
At the initial status, the current that flows through the VC1 pin is the VC1 pin current (IVC1), the current
that flows through the VC2 pin is the VC2 pin current (IVC2), the current that flows through the VC3 pin
is the VC3 pin current (IVC3), and the current that flows through the VC4 pin is the VC4 pin current
(IVC4).
5. 4 CTL pin Current “H” (ICTLH), CTL Pin Current “L” (ICTLL)
In the initial status, the current that flows through the CTL pin is the CTL pin current “L” (ICTLL), after
that, when VCTL
= VDD, the current that flows through the CTL pin is the CTL pin current “H” (ICTLH).
5. 5 SEL Pin Current “H” (ISELH), SEL Pin Current “L” (ISELL)
In the initial status, the current that flows through the SEL pin is the SEL pin current “H” (ISELH), after
that, when VSEL
= VSS, the current that flows through the SEL pin is the SEL pin current “L” (ISELL).


Similar Part No. - S-8254AAVFT-TB-U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8254AAVFT-TB-X ABLIC-S-8254AAVFT-TB-X Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254AAVFT-TB-U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com