Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8254AARFT-TB-U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8254AARFT-TB-U
Description  BATTERY PROTECTION IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254AARFT-TB-U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8254AARFT-TB-U Datasheet HTML 4Page - Seiko Instruments Inc S-8254AARFT-TB-U Datasheet HTML 5Page - Seiko Instruments Inc S-8254AARFT-TB-U Datasheet HTML 6Page - Seiko Instruments Inc S-8254AARFT-TB-U Datasheet HTML 7Page - Seiko Instruments Inc S-8254AARFT-TB-U Datasheet HTML 8Page - Seiko Instruments Inc S-8254AARFT-TB-U Datasheet HTML 9Page - Seiko Instruments Inc S-8254AARFT-TB-U Datasheet HTML 10Page - Seiko Instruments Inc S-8254AARFT-TB-U Datasheet HTML 11Page - Seiko Instruments Inc S-8254AARFT-TB-U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254A Series
Rev.5.2_00
8
Table 4 (2 / 2)
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
[ INPUT VOLTAGE ]
Operating voltage between VDD
and VSS
VDSOP
Output voltage of DOP and
COP fixed
2
24
V
2
CTL input voltage “H”
VCTLH
VDD
× 0.8
V
2
CTL input voltage “L”
VCTLL
VDD
× 0.2
V
2
SEL input voltage “H”
VSELH
VDD
× 0.8
V
2
SEL input voltage “L”
VSELL
VDD
× 0.2
V
2
[ INPUT CURRENT ]
Current consumption
during operation
IOPE
V1
= V2 = V3 = V4 = 3.5 V
12
30
μA
1
Current consumption
during power-down
IPDN
V1
= V2 = V3 = V4 = 1.5 V
0.1
μA
1
VC1 pin current
IVC1
V1
= V2 = V3 = V4 = 3.5 V
1.5
3
μA
5
VC2 pin current
IVC2
V1
= V2 = V3 = V4 = 3.5 V
− 0.3
0
0.3
μA
5
VC3 pin current
IVC3
V1
= V2 = V3 = V4 = 3.5 V
− 0.3
0
0.3
μA
5
VC4 pin current
IVC4
V1
= V2 = V3 = V4 = 3.5 V
− 0.3
0
0.3
μA
5
CTL pin current “H”
ICTLH
V1
= V2 = V3 = V4 = 3.5 V,
VCTL
= VDD
0.1
μA
5
CTL pin current “L”
ICTLL
V1
= V2 = V3 = V4 = 3.5 V,
VCTL
= VSS
− 0.4
− 0.2
μA
5
SEL pin current “H”
ISELH
V1
= V2 = V3 = V4 = 3.5 V,
VSEL
= VDD
0.1
μA
5
SEL pin current “L”
ISELL
V1
= V2 = V3 = V4 = 3.5 V,
VSEL
= VSS
− 0.1
μA
5
[ OUTPUT CURRENT ]
COP pin leakage current
ICOH
VCOP
= 24 V
0.1
μA
5
COP pin sink current
ICOL
VCOP
= VSS + 0.5 V
10
μA
5
DOP pin source current
IDOH
VDOP
= VDD − 0.5 V
10
μA
5
DOP pin sink current
IDOL
VDOP
= VSS + 0.5 V
10
μA
5
*1. Voltage temperature coefficient 1 : Overcharge detection voltage
*2. Voltage temperature coefficient 2 : Overcurrent detection voltage 1
*3. Since products are not screened at high and low temperature, the specification for this temperature range is
guaranteed by design, not tested in production.


Similar Part No. - S-8254AARFT-TB-U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8254AARFT-TB-X ABLIC-S-8254AARFT-TB-X Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254AARFT-TB-U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com