Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8244AAFFN-CEFT2Z Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8244AAFFN-CEFT2Z
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8244AAFFN-CEFT2Z Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8244AAFFN-CEFT2Z Datasheet HTML 1Page - Seiko Instruments Inc S-8244AAFFN-CEFT2Z Datasheet HTML 2Page - Seiko Instruments Inc S-8244AAFFN-CEFT2Z Datasheet HTML 3Page - Seiko Instruments Inc S-8244AAFFN-CEFT2Z Datasheet HTML 4Page - Seiko Instruments Inc S-8244AAFFN-CEFT2Z Datasheet HTML 5Page - Seiko Instruments Inc S-8244AAFFN-CEFT2Z Datasheet HTML 6Page - Seiko Instruments Inc S-8244AAFFN-CEFT2Z Datasheet HTML 7Page - Seiko Instruments Inc S-8244AAFFN-CEFT2Z Datasheet HTML 8Page - Seiko Instruments Inc S-8244AAFFN-CEFT2Z Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
S-8244 Series
Rev.6.4_02
4
(3) TMSOP-8
S-8244A
xx
FM
-
xxx
T2
U
Environmental code
U: Lead-free (Sn 100%), halogen-free
IC direction of tape specifications*1
Product name (abbreviation)*2
Package abbreviation
FM: TMSOP-8
Serial code
Sequentially set from AA to ZZ
*1. Refer to the tape drawing.
*2. Refer to “3. Product Name List”.
2. Packages
Package name
Drawing code
Package
Tape
Reel
Land
SNT-8A
PH008-A-P-SD
PH008-A-C-SD
PH008-A-R-SD
PH008-A-L-SD
8-Pin MSOP
FN008-A-P-SD
FN008-A-C-SD
FN008-A-R-SD
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
3. Product Name List
(1) SNT-8A
Table 1
Product name
Overcharge detection voltage
[VCU]
Overcharge hysteresis voltage
[VCD]
Output form
S-8244AAAPH-CEATFU
4.450
± 0.025 V
0.38
± 0.1 V
CMOS output active “H”
S-8244AABPH-CEBTFU
4.200
± 0.025 V
0 V
Nch open drain active “H”
S-8244AADPH-CEDTFU
4.200
± 0.025 V
0 V
Pch open drain active “L”
S-8244AAFPH-CEFTFU
4.350
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244AAGPH-CEGTFU
4.450
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244AAJPH-CEJTFU
4.500
± 0.025 V
0.38
± 0.1 V
CMOS output active “H”
S-8244AASPH-CESTFU
4.350
± 0.025 V
0.38
± 0.1 V
CMOS output active “H”
S-8244AATPH-CETTFU
4.200 ± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244AAVPH-CEVTFU
4.275
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244AAYPH-CEYTFU
4.300
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244AAZPH-CEZTFU
4.280
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244ABBPH-CFBTFU
4.380
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244ABDPH-CFDTFU
4.150
± 0.025 V
0.045
± 0.02 V
CMOS output active “L”
S-8244ABEPH-CFETFU
4.215
± 0.025 V
0 V
Nch open drain active “L”
S-8244ABHPH-CFHTFU
4.280
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244ABMPH-CFMTFU
4.100 ± 0.025 V
0.25 ± 0.07 V
CMOS output active “H”
S-8244ABOPH-CFOTFU
4.550
± 0.025 V
0.38
± 0.1 V
CMOS output active “H”
Remark Please contact our sales office for the products with the detection voltage value other than those specified above.


Similar Part No. - S-8244AAFFN-CEFT2Z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8244AAFFN-CEFT2G SII-S-8244AAFFN-CEFT2G Datasheet
399Kb / 27P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
More results

Similar Description - S-8244AAFFN-CEFT2Z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8244 SII-S8244 Datasheet
466Kb / 32P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8244 ABLIC-S-8244 Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
logo
Seiko Instruments Inc
S-8244 SII-S-8244 Datasheet
399Kb / 27P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
logo
Unisonic Technologies
UB240 UTC-UB240 Datasheet
204Kb / 11P
   LION BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
UB240 UTC-UB240_17 Datasheet
231Kb / 11P
   LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8224A SII-S8224A Datasheet
2Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8264A ABLIC-S-8264A Datasheet
610Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.4_00
S-8224A ABLIC-S-8224A Datasheet
1Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com