Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCS1601SG-D08-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UCS1601SG-D08-T
Description  LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1601SG-D08-T Datasheet(HTML) 8 Page - Unisonic Technologies

  UCS1601SG-D08-T Datasheet HTML 1Page - Unisonic Technologies UCS1601SG-D08-T Datasheet HTML 2Page - Unisonic Technologies UCS1601SG-D08-T Datasheet HTML 3Page - Unisonic Technologies UCS1601SG-D08-T Datasheet HTML 4Page - Unisonic Technologies UCS1601SG-D08-T Datasheet HTML 5Page - Unisonic Technologies UCS1601SG-D08-T Datasheet HTML 6Page - Unisonic Technologies UCS1601SG-D08-T Datasheet HTML 7Page - Unisonic Technologies UCS1601SG-D08-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UCS1601S
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R103-119.a
TYPICAL APPLICATION CIRCUIT
F1
LINE
NEUT
8
9
10
1
2
3
4
L2
12V/1.33A
GND
7
3
5
IC1
6
7
4
3
1
2
L1
1
2
3
4
T1
IC3
IC2
BD1
ZNR1
1
2
3
4
16W
GND
DRAIN
DRAIN
FB
6
2
VCC
XC1
R1
R2
C1
R3
D1
C2
YC1
R6
C8
C4
D2
C10
C7
D3
C3
R17
C9
R14
R8
R9
R10
GND
8
VCC-G
1
RG
CS
RCS
4
R7
Fig.7 UTC UCS1601S Typical Application Circuit
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UCS1601SG-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCS1601SG-D08-T UTC-UCS1601SG-D08-T Datasheet
274Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UCS1601SG-D08-T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com