Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC36451G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCC36451G-SH2-R
Description  CMOS IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCC36451G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UCC36451G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 7Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UCC36451
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R115-014.A
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
BS
Boot-Strap Pin. Supply high side gate driver.
2
IN
Power Input pin. Bypass IN to GND with a suitably large capacitor to eliminate noise on
the input to the IC.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load.
4
LG
Gate drive for external low side N-MOSFET.
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage.
6
GND
Ground
7
CS1
The Current Sense 1 pin.
8
CS2
The Current Sense 2 pin.
BLOCK DIAGRAM
Internal
Regulator
PWM Control
&
Protect Logic
FB
M1
CURRENT
SENSE
AMPLIFIER
BS
IN
SW
LG
Input UVLO
7.0V/OVP
Softstart
Thermal
Protection
1V
1.1V
GND
CS1
VDD
0.1V
CS2
0.1V


Similar Part No. - UCC36451G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3626 TI-UCC3626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UCC3626DW TI1-UCC3626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
UCC3626DW TI1-UCC3626DW Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
UCC3626DWTR TI1-UCC3626DWTR Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
UCC3626DWTRG4 TI1-UCC3626DWTRG4 Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
More results

Similar Description - UCC36451G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
   CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
   CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
   CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
   CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
   CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
   CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
   CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
   CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   CMOS IC
M7240 UTC-M7240_15 Datasheet
211Kb / 7P
   CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com