Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8250BAS-I6T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8250BAS-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8250BAS-I6T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8250BAS-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8250BAS-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8250BAS-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8250BAS-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8250BAS-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8250BAS-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8250BAS-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8250BAS-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc S-8250BAS-I6T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_02
S-8250B Series
11
8. Current consumption during power-down, current consumption during overdischarge
(Test circuit 3)
8. 1 With power-down function
The current consumption during power-down (IPDN) is IDD under the set condition of V1 = V2 = 1.5 V.
8. 2 Without power-down function
The current consumption during overdischarge (IOPED) is IDD under the set condition of V1 = V2 = 1.5 V.
9.
Resistance between VM pin and VDD pin
(Test circuit 3)
Resistance between VM pin and VDD pin is RVMD under the set conditions of V1 = 1.8 V, V2 = 0 V.
10. Resistance between VM pin and VSS pin (Release condition of discharge overcurrent status
"load disconnection")
(Test circuit 3)
Resistance between VM pin and VSS pin is RVMS under the set conditions of V1 = 3.4 V, V2 = 1.0 V.
11. CO pin resistance "H"
(Test circuit 4)
The CO pin resistance "H" (RCOH) is the resistance between VDD pin and CO pin under the set conditions of V1 = 3.4 V,
V2 = 0 V, V3 = 3.0 V.
12. CO pin resistance "L"
(Test circuit 4)
The CO pin resistance "L" (RCOL) is the resistance between VM pin and CO pin under the set conditions of V1 = 4.6 V,
V2 = 0 V, V3 = 0.4 V.
13. DO pin resistance "H"
(Test circuit 4)
The DO pin resistance "H" (RDOH) is the resistance between VDD pin and DO pin under the set conditions of V1 = 3.4 V,
V2 = 0 V, V4 = 3.0 V.
14. DO pin resistance "L"
(Test circuit 4)
The DO pin resistance "L" (RDOL) is the resistance between VSS pin and DO pin under the set conditions of V1 = 1.8 V,
V2 = 0 V, V4 = 0.4 V.
15. Overcharge detection delay time
(Test circuit 5)
The overcharge detection delay time (tCU) is the time needed for VCO to go to "L" after the voltage V1 increases and
exceeds VCU under the set conditions of V1 = 3.4 V, V2 = 0 V.
16. Overdischarge detection delay time
(Test circuit 5)
The overdischarge detection delay time (tDL) is the time needed for VDO to go to "L" after the voltage V1 decreases
and falls below VDL under the set conditions of V1 = 3.4 V, V2 = 0 V.


Similar Part No. - S-8250BAS-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8250BAS-I6T1U ABLIC-S-8250BAS-I6T1U Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
More results

Similar Description - S-8250BAS-I6T1U

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com