Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8244AATPH-CETTFU Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8244AATPH-CETTFU
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8244AATPH-CETTFU Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8244AATPH-CETTFU Datasheet HTML 3Page - Seiko Instruments Inc S-8244AATPH-CETTFU Datasheet HTML 4Page - Seiko Instruments Inc S-8244AATPH-CETTFU Datasheet HTML 5Page - Seiko Instruments Inc S-8244AATPH-CETTFU Datasheet HTML 6Page - Seiko Instruments Inc S-8244AATPH-CETTFU Datasheet HTML 7Page - Seiko Instruments Inc S-8244AATPH-CETTFU Datasheet HTML 8Page - Seiko Instruments Inc S-8244AATPH-CETTFU Datasheet HTML 9Page - Seiko Instruments Inc S-8244AATPH-CETTFU Datasheet HTML 10Page - Seiko Instruments Inc S-8244AATPH-CETTFU Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.6.4_02
S-8244 Series
7
Pin Configurations
Table 4
SNT-8A
Top view
1
2
3
4
CO
ICT
VSS
VC3
6
8
7
5
VCC
SENSE
VC1
VC2
Pin No. Symbol
Description
1
CO
FET gate connection pin for charge control
2
ICT
Capacitor connection pin for overcharge detection
delay
3
VSS
Input pin for negative power supply,
Connection pin for battery 4’s negative voltage
4
VC3
Connection pin for battery 3’s negative voltage,
Connection pin for battery 4’s positive voltage
5
VC2
Connection pin for battery 2’s negative voltage,
Connection pin for battery 3’s positive voltage
6
VC1
Connection pin for battery 1’s negative voltage,
Connection pin for battery 2’s positive voltage
7
SENSE Connection pin for battery 1’s positive voltage
Figure 2
8
VCC
Input pin for positive power supply
Table 5
8-Pin MSOP
Top view
VCC
SENSE
VC1
VC2
CO
ICT
VSS
VC3
3
2
4
1
8
6
7
5
Pin No. Symbol
Description
1
VCC
Input pin for positive power supply
2
SENSE Connection pin for battery 1’s positive voltage
3
VC1
Connection pin for battery 1’s negative voltage,
Connection pin for battery 2’s positive voltage
4
VC2
Connection pin for battery 2’s negative voltage,
Connection pin for battery 3’s positive voltage
5
VC3
Connection pin for battery 3’s negative voltage,
Connection pin for battery 4’s positive voltage
6
VSS
Input pin for negative power supply,
Connection pin for battery 4’s negative voltage
7
ICT
Capacitor connection pin for overcharge detection
delay
Figure 3
8
CO
FET gate connection pin for charge control
Table 6
3
2
4
1
8
6
7
5
CO
ICT
VSS
VC3
VCC
SENSE
VC2
VC1
TMSOP-8
Top view
Pin No. Symbol
Description
1
VCC
Input pin for positive power supply
2
SENSE Connection pin for battery 1’s positive voltage
3
VC1
Connection pin for battery 1’s negative voltage,
Connection pin for battery 2’s positive voltage
4
VC2
Connection pin for battery 2’s negative voltage,
Connection pin for battery 3’s positive voltage
5
VC3
Connection pin for battery 3’s negative voltage,
Connection pin for battery 4’s positive voltage
6
VSS
Input pin for negative power supply,
Connection pin for battery 4’s negative voltage
7
ICT
Capacitor connection pin for overcharge detection
delay
Figure 4
8
CO
FET gate connection pin for charge control


Similar Part No. - S-8244AATPH-CETTFU

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8244AATPH-CETTFU ABLIC-S-8244AATPH-CETTFU Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
More results

Similar Description - S-8244AATPH-CETTFU

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8244 SII-S8244 Datasheet
466Kb / 32P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8244 ABLIC-S-8244 Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
logo
Seiko Instruments Inc
S-8244 SII-S-8244 Datasheet
399Kb / 27P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
logo
Unisonic Technologies
UB240 UTC-UB240 Datasheet
204Kb / 11P
   LION BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
UB240 UTC-UB240_17 Datasheet
231Kb / 11P
   LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8224A SII-S8224A Datasheet
2Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8264A ABLIC-S-8264A Datasheet
610Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.4_00
S-8224A ABLIC-S-8224A Datasheet
1Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com