Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8243AACFT-TB-X Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8243AACFT-TB-X
Description  BATTERY PROTECTION IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8243AACFT-TB-X Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8243AACFT-TB-X Datasheet HTML 5Page - Seiko Instruments Inc S-8243AACFT-TB-X Datasheet HTML 6Page - Seiko Instruments Inc S-8243AACFT-TB-X Datasheet HTML 7Page - Seiko Instruments Inc S-8243AACFT-TB-X Datasheet HTML 8Page - Seiko Instruments Inc S-8243AACFT-TB-X Datasheet HTML 9Page - Seiko Instruments Inc S-8243AACFT-TB-X Datasheet HTML 10Page - Seiko Instruments Inc S-8243AACFT-TB-X Datasheet HTML 11Page - Seiko Instruments Inc S-8243AACFT-TB-X Datasheet HTML 12Page - Seiko Instruments Inc S-8243AACFT-TB-X Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
Rev.3.1_00
S-8243A/B Series
9
2. S-8243B Series
Table 7 (1 / 2)
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test circuit
DETECTION VOLTAGE
Overcharge detection voltage n
n = 1, 2, 3, 4
VCUn
3.9 V to 4.4 V, 50 mV Step
VCUn
−0.025
VCun
VCUn
+0.025
V
4
Overcharge hysteresis voltage n
n = 1, 2, 3, 4
VHCn
−0.10 V to −0.40 V, and 0 V
VHCn
−0.05
VHCn
VHCn
+0.05
V
4
Overdischarge detection voltage
n = 1, 2, 3, 4
VDLn
2.0 V to 3.0 V, 100 mV Step
VDLn
−0.08
VDLn
VDLn
+0.08
V
4
Overdischarge hysteresis voltage
n = 1, 2, 3, 4
VHDn
0.15 V to 0.70 V, and 0 V
VHDn
−0.10
VHDn
VHDn
+0.10
V
4
Overcurrent detection voltage 1
VIOV1
0.05 V to 0.3 V, 50 mV Step
VM voltage based on VDD
VIOV1
−0.025
VIOV1
VIOV1
+0.025
V
4
Overcurrent detection voltage 2
VIOV2
VM voltage based on VDD
0.40
0.50
0.60
V
4
Overcurrent detection voltage 3
VIOV3
VDD
×0.425
VDD
×0.5
VDD
×0.575
V
4
Temperature coefficient for
detection and release voltage
*1
TCOE1
Ta =
−5°C to +55°C
*3
−1.0
0
1.0
mV/
°C4
Temperature coefficient for
overcurrent detection voltage
*2
TCOE2
Ta =
−5°C to +55°C
*3
−0.5
0
0.5
mV/
°C4
0 V BATTERY CHARGING FUNCTION (The 0 V battery function is either "0 V battery charging is allowed." or "0 V battery charging is inhibited."
depending upon the product type.)
0 V battery charge starting charger
voltage
V0CHA
0 V battery charging allowed
0.8
1.5
V
7
0 V battery charge inhibition battery
voltage
V0INH
0 V battery charging inhibited
0.4
0.7
1.1
V
7
INTERNAL RESISTANCE
Internal resistance between
VMP and VDD
RVDM
V1 = V2 = V3 = V4 = 3.5 V
500
1100
2400
k
Ω
8
Internal resistance between
VMP and VSS
RVSM
V1 = V2 = V3 = V4 = 1.8 V
300
700
1500
k
Ω
8
VOLTAGE REGULATOR
Output voltage
VOUT
VDD = 14V, IOUT = 3 mA
3.221
3.300
3.379
V
2
Line regulation
ΔVOUT1 VDD = 6 V→18 V, IOUT = 3 mA
5
15
mV
2
Load regulation
ΔVOUT2 VDD = 14 V, IOUT = 5 μA→3 mA
15
30
mV
2
BATTERY MONITOR AMP
Input offset voltage n
n = 1, 2, 3, 4
VOFFn
V1 = V2 = V3 = V4 = 3.5 V
60
165
270
mV
3
Voltage gain n
n = 1, 2, 3, 4
GAMPn V1 = V2 = V3 = V4 = 3.5 V
0.2
×0.99
0.2
0.2
×1.01
3
INPUT VOLTAGE, OPERATING VOLTAGE
Operating voltage between
VDD and VSS
VDSOP
6
18
V
4
CTL1 input voltage for High
VCTL1H
VDD
×0.8
V
6
CTL1 input voltage for Low
VCTL1L
VDD
×0.2
V
6
CTLn input voltage for High
n = 2, 3, 4
VCTLnH
VOUT
×0.9
VOUT
V
3, 6
CTLn input voltage for Low
n = 2, 3, 4
VCTLnL
VOUT
×0.1
V
3, 6


Similar Part No. - S-8243AACFT-TB-X

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8243AACFT-TB-G SII-S-8243AACFT-TB-G Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results

Similar Description - S-8243AACFT-TB-X

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com