Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH3NPN6R8MMR Datasheet(PDF) 5 Page - ams AG

Part # LQH3NPN6R8MMR
Description  Wide input voltage range (2.4V to 5.5V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LQH3NPN6R8MMR Datasheet(HTML) 5 Page - ams AG

  LQH3NPN6R8MMR Datasheet HTML 1Page - ams AG LQH3NPN6R8MMR Datasheet HTML 2Page - ams AG LQH3NPN6R8MMR Datasheet HTML 3Page - ams AG LQH3NPN6R8MMR Datasheet HTML 4Page - ams AG LQH3NPN6R8MMR Datasheet HTML 5Page - ams AG LQH3NPN6R8MMR Datasheet HTML 6Page - ams AG LQH3NPN6R8MMR Datasheet HTML 7Page - ams AG LQH3NPN6R8MMR Datasheet HTML 8Page - ams AG LQH3NPN6R8MMR Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ams Datasheet
Page 5
[v1-43] 2015-Jul-23
Document Feedback
AS1313 − Absolute Maximum Ratings
Note(s) and/or Footnote(s):
1. Junction-to-ambient thermal resistance is very dependent on application and board-layout. In situations where high maximum
power dissipation exists, special attention must be paid to thermal dissipation during board design.
2. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”.
Temperature Ranges and Storage Conditions
θJA
(1)
Thermal resistance
WL-CSP
95
°C/W
MLPD
36
°C/W
TAMB
Operating temperature
-40
85
°C
TJ
Junction
temperature
WL-CSP
25
°C
MLPD
150
°C
TSTRG
Storage temperature range
-55
125
°C
TBODY
Package body
temperature
WL-CSP
260
°C
Norm IPC/JEDEC J-STD-020 (2)
MLPD
Norm IPC/JEDEC J-STD-020 (2)
The lead for Pb-free leaded
packages is matte tin
(100% Sn)
RHNC
Relative humidity
non-condensing
585
%
MSL
Moisture sensitivity
level
WL-CSP
1
Represents an unlimited floor
life time
MLPD
1
Represents an unlimited floor
life time
Symbol
Parameter
Min
Max
Units
Comments


Similar Part No. - LQH3NPN6R8MMR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN6R8MMR MURATA-LQH3NPN6R8MMR Datasheet
83Kb / 2P
   Inductance
LQH3NPN6R8MMRE MURATA-LQH3NPN6R8MMRE Datasheet
83Kb / 2P
   Inductance
LQH3NPN6R8MMRF MURATA-LQH3NPN6R8MMRF Datasheet
83Kb / 2P
   Inductance
More results

Similar Description - LQH3NPN6R8MMR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
   Wide supply voltage range: 2.4V to 5V
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
   2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
   1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com