Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC558ALC3BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC558ALC3BTR-R5
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC558ALC3BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC558ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
HMC558A
Rev. 0 | Page 3 of 15
SPECIFICATIONS
LO drive level = 15 dBm, TA = 25°C, IF = 100 MHz, upper sideband, unless otherwise noted. All measurements performed as a
downconverter.
Table 1.
Parameter
Min
Typ
Max
Unit
RF FREQUENCY RANGE
5.5
14
GHz
LO FREQUENCY RANGE
5.5
14
GHz
LO DRIVE LEVEL
15
dBm
IF FREQUENCY RANGE
DC
6
GHz
PERFORMANCE AT RF = 5.5 GHz to 10 GHz
Conversion Loss
7.5
9.5
dB
Single Sideband (SSB) Noise Figure
7.5
dB
Input Third-Order Intercept (IIP3)
15
17.5
dBm
Input 1 dB Compression Point (IP1dB)
10
dBm
Input Second-Order Intercept (IIP2)
50
dB
RF to IF Isolation
8
16
dB
LO to RF Isolation
35
45
dB
LO to IF Isolation
20
35
dB
PERFORMANCE AT RF = 10 GHz to 14 GHz
Conversion Loss
8.5
10
dB
SSB Noise Figure
10
dB
IIP3
16
21
dBm
IP1dB
11.5
dBm
IIP2
55
dB
RF to IF Isolation
10
19
dB
LO to RF Isolation
30
40
dB
LO to IF Isolation
20
45
dB


Similar Part No. - HMC558ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC558A AD-HMC558A Datasheet
480Kb / 32P
   5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
HMC558A-SX AD-HMC558A-SX Datasheet
480Kb / 32P
   5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
   5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
More results

Similar Description - HMC558ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
   Conversion loss: 9 dB typical at 3 GHz to 9 GHz
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
   High Isolation, 35 dB Typical at 1 GHz
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
   19 dB Typical Small Signal Gain at 4 GHz
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
logo
Analog Devices
AD8347ARUZ AD-AD8347ARUZ Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion
REV. A
logo
Pasternack Enterprises,...
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
   5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE2206-6 PASTERNACK-PE2206-6 Datasheet
211Kb / 3P
   Directional 6 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
logo
Siemens Semiconductor G...
BGA318 SIEMENS-BGA318 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
logo
Pasternack Enterprises,...
PE2206-30 PASTERNACK-PE2206-30 Datasheet
246Kb / 3P
   Directional 30 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
logo
Siemens Semiconductor G...
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com