Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC8410CHIPS-SX Datasheet(PDF) 2 Page - Analog Devices

Part # HMC8410CHIPS-SX
Description  Low noise figure: 1.1 dB typical
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410CHIPS-SX Datasheet(HTML) 2 Page - Analog Devices

  HMC8410CHIPS-SX Datasheet HTML 1Page - Analog Devices HMC8410CHIPS-SX Datasheet HTML 2Page - Analog Devices HMC8410CHIPS-SX Datasheet HTML 3Page - Analog Devices HMC8410CHIPS-SX Datasheet HTML 4Page - Analog Devices HMC8410CHIPS-SX Datasheet HTML 5Page - Analog Devices HMC8410CHIPS-SX Datasheet HTML 6Page - Analog Devices HMC8410CHIPS-SX Datasheet HTML 7Page - Analog Devices HMC8410CHIPS-SX Datasheet HTML 8Page - Analog Devices HMC8410CHIPS-SX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HMC8410CHIPS
Data Sheet
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Electrical Specifications................................................................... 3
0.01 GHz to 3 GHz Frequency Range........................................ 3
3 GHz to 8 GHz Frequency Range............................................. 3
8 GHz to 10 GHz Frequency Range........................................... 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Interface Schematics .....................................................................6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 12
Applications Information .............................................................. 13
Recommended Bias Sequencing .............................................. 13
Mounting and Bonding Techniques for Millimeterwave GaAs
MMICs......................................................................................... 13
Application Circuits ....................................................................... 15
Assembly Diagram..................................................................... 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
10/2016—Revision 0: Initial Version


Similar Part No. - HMC8410CHIPS-SX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
749Kb / 17P
   Low Noise Amplifier
HMC8410LP2FE AD-HMC8410LP2FE Datasheet
749Kb / 17P
   Low Noise Amplifier
HMC8410LP2FETR AD-HMC8410LP2FETR Datasheet
749Kb / 17P
   Low Noise Amplifier
HMC8410 AD-HMC8410_17 Datasheet
749Kb / 17P
   Low Noise Amplifier
More results

Similar Description - HMC8410CHIPS-SX

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com