Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC8410CHIPS Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8410CHIPS
Description  Low noise figure: 1.1 dB typical
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410CHIPS Datasheet(HTML) 5 Page - Analog Devices

  HMC8410CHIPS Datasheet HTML 1Page - Analog Devices HMC8410CHIPS Datasheet HTML 2Page - Analog Devices HMC8410CHIPS Datasheet HTML 3Page - Analog Devices HMC8410CHIPS Datasheet HTML 4Page - Analog Devices HMC8410CHIPS Datasheet HTML 5Page - Analog Devices HMC8410CHIPS Datasheet HTML 6Page - Analog Devices HMC8410CHIPS Datasheet HTML 7Page - Analog Devices HMC8410CHIPS Datasheet HTML 8Page - Analog Devices HMC8410CHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
HMC8410CHIPS
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter1
Rating
Drain Bias Voltage (VDD)
7 V dc
Radio Frequency (RF) Input Power (RFIN)
20 dBm
Continuous Power Dissipation (PDISS), T = 85°C
(Derate 13.23 mW/°C Above 85°C)
1.2 W
Channel Temperature
175°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +85°C
ESD Sensitivity
Human Body Model (HBM)
Class 1B passed
500 V
1
When referring to a single function of a multifunction pin in the parameters,
only the portion of the pin name that is relevant to the specification is listed.
For the full pin names of multifunction pins, refer to the Pin Configuration
and Function Descriptions section.
2
See the Ordering Guide section for more information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJC is the junction to case thermal resistance, channel to bottom
of die.
Table 5. Thermal Resistance
Package Type
θJC
Unit
C-2-3
75.57
°C/W
ESD CAUTION


Similar Part No. - HMC8410CHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
749Kb / 17P
   Low Noise Amplifier
HMC8410LP2FE AD-HMC8410LP2FE Datasheet
749Kb / 17P
   Low Noise Amplifier
HMC8410LP2FETR AD-HMC8410LP2FETR Datasheet
749Kb / 17P
   Low Noise Amplifier
HMC8410 AD-HMC8410_17 Datasheet
749Kb / 17P
   Low Noise Amplifier
More results

Similar Description - HMC8410CHIPS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com