Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM4121-1CRIZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM4121-1CRIZ
Description  2 A peak output current (<2RDSON)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4121-1CRIZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM4121-1CRIZ Datasheet HTML 3Page - Analog Devices ADuM4121-1CRIZ Datasheet HTML 4Page - Analog Devices ADuM4121-1CRIZ Datasheet HTML 5Page - Analog Devices ADuM4121-1CRIZ Datasheet HTML 6Page - Analog Devices ADuM4121-1CRIZ Datasheet HTML 7Page - Analog Devices ADuM4121-1CRIZ Datasheet HTML 8Page - Analog Devices ADuM4121-1CRIZ Datasheet HTML 9Page - Analog Devices ADuM4121-1CRIZ Datasheet HTML 10Page - Analog Devices ADuM4121-1CRIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADuM4121/ADuM4121-1
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Supply Voltage for Isolator Side 1.
2
VI+
Noninverting Gate Drive Logic Input.
3
VI
Inverting Gate Drive Logic Input.
4
GND1
Ground 1. This pin is the ground reference for Isolator Side 1.
5
GND2
Ground 2. This pin is the ground reference for Isolator Side 2.
6
CLAMP
Miller Clamp and Gate Voltage Sense. Connect this pin directly to the gate being driven.
7
VOUT
Gate Drive Output. Connect this pin to the gate being driven through an external series resistor.
8
VDD2
Supply Voltage for Isolator Side 2.
1
2
3
4
8
7
6
5
ADuM4121/
ADuM4121-1
TOP VIEW
(Not to Scale)
VDD1
VI+
GND1
VI
VDD2
VOUT
CLAMP
GND2


Similar Part No. - ADuM4121-1CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EP AD-ADUM4121-1TRIZ-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EPR AD-ADUM4121-1TRIZ-EPR Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
More results

Similar Description - ADuM4121-1CRIZ

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Dialog Semiconductor
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com