Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC787ALC3BTR Datasheet(PDF) 4 Page - Analog Devices

Part # HMC787ALC3BTR
Description  Conversion loss: 9 dB typical at 3 GHz to 9 GHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC787ALC3BTR Datasheet(HTML) 4 Page - Analog Devices

  HMC787ALC3BTR Datasheet HTML 1Page - Analog Devices HMC787ALC3BTR Datasheet HTML 2Page - Analog Devices HMC787ALC3BTR Datasheet HTML 3Page - Analog Devices HMC787ALC3BTR Datasheet HTML 4Page - Analog Devices HMC787ALC3BTR Datasheet HTML 5Page - Analog Devices HMC787ALC3BTR Datasheet HTML 6Page - Analog Devices HMC787ALC3BTR Datasheet HTML 7Page - Analog Devices HMC787ALC3BTR Datasheet HTML 8Page - Analog Devices HMC787ALC3BTR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
HMC787A
Rev. 0 | Page 3 of 17
SPECIFICATIONS
TA = 25°C, IF = 100 MHz, LO = 17 dBm, and all measurements performed as downconverter, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
FREQUENCY RANGE
RF
3
10
GHz
LO
3
10
GHz
IF
DC
4
GHz
LO DRIVE LEVEL
17
dBm
PERFORMANCE AT RF = 3 GHz to 9 GHz
Conversion Loss
9
11
dB
Single Sideband (SSB) Noise Figure
9
dB
Input Third-Order Intercept (IP3)
15
24
dBm
Input 1 dB Compression Point (P1dB)
17
dBm
Input Second-Order Intercept (IP2)
67
dB
RF to IF Isolation
15
26
dB
LO to RF Isolation
48
dB
LO to IF Isolation
35
43
dB
PERFORMANCE AT RF = 9 GHz to 10 GHz
Conversion Loss
9
11
dB
SSB Noise Figure
9
dB
Input IP3
15
24
dBm
Input P1dB
15
dBm
Input IP2
66
dB
RF to IF Isolation
15
26
dB
LO to RF Isolation
47
dB
LO to IF Isolation
25
42
dB


Similar Part No. - HMC787ALC3BTR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC787LC3B HITTITE-HMC787LC3B Datasheet
588Kb / 8P
   GaAs MMIC Fundam ental Mixer, 3 - 10 GHz
More results

Similar Description - HMC787ALC3BTR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC558A AD-HMC558A Datasheet
367Kb / 15P
   Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
   High Isolation, 35 dB Typical at 1 GHz
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
   19 dB Typical Small Signal Gain at 4 GHz
logo
Analog Devices
HMC8413 AD-HMC8413 Datasheet
621Kb / 21P
   Low Noise Amplifier, 0.01 GHz to 9 GHz
Rev. 0
logo
Micronetics, Inc.
EL0056 MICRONETICS-EL0056 Datasheet
97Kb / 2P
   High Power Limiters 5 GHz to 9 GHz
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
   9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com