Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM263N1BRIZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADuM263N1BRIZ
Description  High common-mode transient immunity: 100 kV/關s
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM263N1BRIZ Datasheet(HTML) 5 Page - Analog Devices

  ADuM263N1BRIZ Datasheet HTML 1Page - Analog Devices ADuM263N1BRIZ Datasheet HTML 2Page - Analog Devices ADuM263N1BRIZ Datasheet HTML 3Page - Analog Devices ADuM263N1BRIZ Datasheet HTML 4Page - Analog Devices ADuM263N1BRIZ Datasheet HTML 5Page - Analog Devices ADuM263N1BRIZ Datasheet HTML 6Page - Analog Devices ADuM263N1BRIZ Datasheet HTML 7Page - Analog Devices ADuM263N1BRIZ Datasheet HTML 8Page - Analog Devices ADuM263N1BRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADuM260N/ADuM261N/ADuM262N/ADuM263N
Rev. 0 | Page 5 of 23
ELECTRICAL CHARACTERISTICS—3.3 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.3 V. Minimum/maximum specifications apply over the entire recommended
operation range: 3.0 V ≤ VDD1 ≤ 3.6 V, 3.0 V ≤ VDD2 ≤ 3.6 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within PWD limit
Data Rate1
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
4.8
6.8
14
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
4.5
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
7.5
ns
Between any two units at the same
temperature, voltage, and load
Channel Matching
Codirectional
tPSKCD
0.7
4.0
ns
Opposing Direction
tPSKOD
0.7
4.5
ns
Jitter
580
ps p-p
See the Jitter Measurement section
120
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold Voltage
Logic High
VIH
0.7 × VDDx
V
Logic Low
VIL
0.3 × VDDx
V
Output Voltage
Logic High
VOH
VDDx − 0.1
VDDx
V
IOx2 = −20 μA, VIx = VIxH3
VDDx − 0.4
VDDx − 0.2
V
IOx2 = −2 mA, VIx = VIxH3
Logic Low
VOL
0.0
0.1
V
IOx2 = 20 μA, VIx = VIxL4
0.2
0.4
V
IOx2 = 2 mA, VIx = VIxL4
Input Current per Channel
II
−10
+0.01
+10
μA
0 V ≤ VIx ≤ VDDx
Quiescent Supply Current
ADuM260N
IDD1 (Q)
2.2
3.4
mA
VI5 = 0 (N0), 1 (N1)6
IDD2 (Q)
3.1
4.1
mA
VI5 = 0 (N0), 1 (N1)6
IDD1 (Q)
19
27.7
mA
VI5 = 1 (N0), 0 (N1)6
IDD2 (Q)
3.4
4.7
mA
VI5 = 1 (N0), 0 (N1)6
ADuM261N
IDD1 (Q)
2.3
3.6
mA
VI5 = 0 (N0), 1 (N1)6
IDD2 (Q)
3.0
4.0
mA
VI5 = 0 (N0), 1 (N1)6
IDD1 (Q)
15.8
24.6
mA
VI5 = 1 (N0), 0 (N1)6
IDD2 (Q)
7.0
11
mA
VI5 = 1 (N0), 0 (N1)6
ADuM262N
IDD1 (Q)
2.6
3.8
mA
VI5 = 0 (N0), 1 (N1)6
IDD2 (Q)
2.8
4.0
mA
VI5 = 0 (N0), 1 (N1)6
IDD1 (Q)
13.9
22.2
mA
VI5 = 1 (N0), 0 (N1)6
IDD2 (Q)
10.3
16.5
mA
VI5 = 1 (N0), 0 (N1)6
ADuM263N
IDD1 (Q)
2.8
4.16
mA
VI5 = 0 (N0), 1 (N1)6
IDD2 (Q)
2.6
3.82
mA
VI5 = 0 (N0), 1 (N1)6
IDD1 (Q)
11.5
18.5
mA
VI5 = 1 (N0), 0 (N1)6
IDD2 (Q)
14.3
22.5
mA
VI5 = 1 (N0), 0 (N1)6
Dynamic Supply Current
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
IDDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle


Similar Part No. - ADuM263N1BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

Similar Description - ADuM263N1BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
ADUM160N AD-ADUM160N Datasheet
551Kb / 23P
   High common-mode transient immunity
logo
Vishay Siliconix
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800-500E AVAGO-HCPL-7800-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com