Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPN7310-SOT23 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMPN7310-SOT23
Description  Low Series Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPN7310-SOT23 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMPN7310-SOT23 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPN7310-SOT23 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPN7310-SOT23 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPN7310-SOT23 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPN7310-SOT23 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPN7310-SOT23 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PIN Switching Diode
Rev. V1
SMPN7xxx Series
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Series Resistance
 Low Capacitance
 Wide Dynamic Range
 Silicon Nitride / Glass Passivation
 SOT23 Surface Mount Package
 RoHS* Compliant
Description
These PIN diodes are specifically designed for
commercial applications requiring devices in the
SOT-23 surface mount package. The series in low
profile has options for bulk or tape and reel. This
series offers a wide range of specifications and
package configurations to give the designer wide
flexibility.
Typical applications of these PIN diodes are
switches, phase shifters, pulse and amplitude
modulators,
limiters,
leveling
circuits
and
attenuators.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: @ +25°C
Part Number
ID
Code1
Total Capacitance
CT
Voltage Breakdown
VB
Series Resistance
RS
Carrier Lifetime
TL
1 MHz
IR = 10 µA
100 mA,
100 MHz
10 mA,
100 MHz
IF = 10 mA,
IR = 6 mA
pF
V
Ω
ns
Typical
Minimum
Typical
Typical
PIN Attenuator Diodes
SMPN7453-SOT23-
0S
0.35 @ 50 V
200
0.80
2.5
2500
1S
0.35 @ 50 V
2ST
0.45 @ 50 V
3CA
0.45 @ 50 V
4CC
0.45 @ 50 V
0S
0.35 @ 50 V
200
1.0
3.0
1500
SMPN7380-SOT23-
1S
0.35 @ 50 V
2ST
0.45 @ 50 V
3CA
0.45 @ 50 V
4CC
0.45 @ 50 V
(Continued next page)
Common Anode(-3)
Single Diode (-0)
Series Diode (-2)
Single Diode (-1)
Common Cathode (-4)
Dual Anode (-5)
Dual Cathode (-6)
SOD323


Similar Part No. - SMPN7310-SOT23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMP BEL-SMP Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
logo
Isabellenhütte Heu...
SMP ISABELLENHUETTE-SMP Datasheet
1Mb / 4P
   Precision resistors
logo
List of Unclassifed Man...
SMP-02V-B(N)C ETC2-SMP-02V-B(N)C Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-02V-BC ETC2-SMP-02V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-02V-NC ETC2-SMP-02V-NC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results

Similar Description - SMPN7310-SOT23

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MGPN MA-COM-MGPN Datasheet
497Kb / 3P
   Low Series Resistance
MA4EXXXX MA-COM-MA4EXXXX Datasheet
660Kb / 7P
   Low Series Resistance
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
   Very low series resistance
logo
Advanced Power Electron...
AP0903GH-HF A-POWER-AP0903GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
AP0903GM-HF A-POWER-AP0903GM-HF_14 Datasheet
100Kb / 4P
   Low On-resistance
AP9960GM-HF A-POWER-AP9960GM-HF_14 Datasheet
74Kb / 6P
   Low On-Resistance
AP60N03GH A-POWER-AP60N03GH_14 Datasheet
67Kb / 4P
   Low On-Resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Advanced Power Electron...
AP4436GM A-POWER-AP4436GM_14 Datasheet
183Kb / 5P
   Low on-resistance
AP6680AGM-HF A-POWER-AP6680AGM-HF_14 Datasheet
99Kb / 4P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com