Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33293AT Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33293AT
Description  QUAD LOW SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33293AT Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33293AT Datasheet HTML 5Page - Motorola, Inc MC33293AT Datasheet HTML 6Page - Motorola, Inc MC33293AT Datasheet HTML 7Page - Motorola, Inc MC33293AT Datasheet HTML 8Page - Motorola, Inc MC33293AT Datasheet HTML 9Page - Motorola, Inc MC33293AT Datasheet HTML 10Page - Motorola, Inc MC33293AT Datasheet HTML 11Page - Motorola, Inc MC33293AT Datasheet HTML 12Page - Motorola, Inc MC33293AT Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC33293A
9
MOTOROLA ANALOG IC DEVICE DATA
VDS = 2.8 V
VPWR = 13 V
Vin = 5.0 V
0
– 55
– 25
25
50
75
100
125
4.5
0
5.0
–55
TA, AMBIENT TEMPERATURE (°C)
VDS = 13 V
VPWR = 13 V
Vin = 0 V
4.0
3.5
3.0
2.5
– 25
25
50
75
100
125
0
80
–55
TA, AMBIENT TEMPERATURE (°C)
VDS = 25 V
VPWR = 14.5 V
Vin = 0 V
50
30
0
– 25
25
50
75
100
125
76
0
80
–55
TA, AMBIENT TEMPERATURE (°C)
VDS = BVDSS
VPWR = 14.5 V
Vin = Open
72
68
64
60
– 25
25
50
75
100
125
0.26
0
0.30
–55
TA, AMBIENT TEMPERATURE (°C)
ID = 1.0 A
VPWR = 13 V
Vin = 5.0 V
0.22
0.18
0.14
0.10
– 25
25
50
75
100
125
0.12
0.16
0.20
0.24
0.28
5.0
0
6.0
–55
TA, AMBIENT TEMPERATURE (°C)
VPWR = Von(th)
VDS = 14.5 V
Vin = 5.0 V
4.0
3.0
2.0
1.0
0
– 25
25
50
75
100
125
6.0
TA, AMBIENT TEMPERATURE (°C)
5.5
5.0
4.5
4.0
3.5
3.0
10
20
40
60
70
Figure 7. Turn On Threshold Voltage
versus Temperature
Figure 8. Output On Resistance
versus Temperature
Figure 9. Drain Source Clamp Voltage
versus Temperature
Figure 10. Zero Input Voltage Drain Current
versus Temperature
Figure 11. Current Limit
versus Temperature
Figure 12. Open-Load Threshold
versus Temperature


Similar Part No. - MC33293AT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33290 FREESCALE-MC33290 Datasheet
226Kb / 12P
   ISO K Line Serial Link Interface
MC33290D FREESCALE-MC33290D Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
MC33290D/R2 FREESCALE-MC33290D/R2 Datasheet
226Kb / 12P
   ISO K Line Serial Link Interface
MC33290DR2 FREESCALE-MC33290DR2 Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
More results

Similar Description - MC33293AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
   Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
   Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
TLE6225G INFINEON-TLE6225G Datasheet
238Kb / 9P
   Smart Quad Low-Side Switch?
V2.1 26.Aug. 2002 1
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
   Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
   Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
logo
STMicroelectronics
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
   Quad intelligent power low side switch
logo
Infineon Technologies A...
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
   Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com