Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RST-5000 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RST-5000
Description  3? 3-WIRE/ 196~305VAC OR 3? 4-WIRE/Y 340~530VAC WIDE INPUT RANGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RST-5000 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RST-5000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RST-5000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RST-5000 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RST-5000 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RST-5000 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RST-5000 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RST-5000 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RST-5000 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. RST-5000 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5000W Power Supply with Single Output
RST-5000 series
■ Model Encoding
■ Description
RST-5000 is a 5KW single output enclosed type AC/DC power supply. This series operates for the wide
range three phase AC input (3 phase 3 wire / 196~305VAC or 3 phase 4 wire / Y 340~530VAC) and offers
the models with the DC output mostly demanded from the industry. Each model is cooled by the built-in
fan with fan speed control, working for the temperature up to ,70 . Moreover, RST-5000 provides vast
design flexibility by equipping various built-in functions such as the output programming, active current
sharing, remote ON-OFF control, auxiliary power, etc.
■ Features
3 3-wire /
196~305VAC or 3 4-wire / Y 340~530VAC
ψ△
ψ
wide input range
Built-in active PFC function
High efficiency up to 91%
Forced air cooling by built-in DC fan
Output voltage and constant current level programmable
Active current sharing up to 20000W (3+1)
Built-in remote ON-OFF control / Remote sense
/ Auxilary power / Alarm signal
Protections: Short circuit / Overload / Over voltage /
Over temperature / Fan fail
5 years warranty
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
8.3
Dimension
L
460
18.1
W
211
H
83.5(2U)
(2U)
mm
inch
3.29
*
*
*
*
*
*
Safety: UL/EN/IEC 60950-1
EMC: EN 55022 / 55024
Factory control or automation apparatus
Test and measurement instrument
Laser related machine
Burn-in facility
RF application
Electric scooter or vehicle charger station
Constant current source
■ Certificates
■ Applications
File Name:RST-5000-SPEC 2016-10-27
RST
-
- 5000 24
Output voltage (24V/36V/48V)
Output wattage
Series name


Similar Part No. - RST-5000

ManufacturerPart #DatasheetDescription
logo
Lumberg
RST-5-RKT-5-647-1M LUMBERG-RST-5-RKT-5-647-1M Datasheet
341Kb / 2P
   M12-Round-Plug Connector, Double-Ended Cordsets,
More results

Similar Description - RST-5000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RST-10000 MEANWELL-RST-10000 Datasheet
427Kb / 10P
   3? 3-WIRE/ 196~305VAC OR 3? 4-WIRE/Y 340~530VAC WIDE INPUT RANGE
logo
NXP Semiconductors
10119 PHILIPS-10119 Datasheet
181Kb / 5P
   4-Wide 4-3-3-3-Input OR-AND Gate
June 14 1990
logo
List of Unclassifed Man...
MC454 ETC1-MC454 Datasheet
329Kb / 2P
   EXPANDABLE 3-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Recom International Pow...
RAC10-K RECOM-RAC10-K Datasheet
503Kb / 6P
   Wide input range 85-305Vac
logo
Hitachi Semiconductor
HD74LS54 HITACHI-HD74LS54 Datasheet
44Kb / 5P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
Renesas Technology Corp
HD74LS54 RENESAS-HD74LS54 Datasheet
145Kb / 4P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
List of Unclassifed Man...
MC459 ETC-MC459 Datasheet
122Kb / 2P
   4 wide 3-2-2-3 input expander for and-or-invert gae
logo
Bel Fuse Inc.
TCP3500 BEL-TCP3500 Datasheet
707Kb / 9P
   World-Wide 3-phase Input Voltage Range
logo
Hammond Manufacturing L...
1584C6TW HAMMOND-1584C6TW Datasheet
190Kb / 1P
   SJT or Equivalent, 14/3 Wire
1584C6S20 HAMMOND-1584C6S20 Datasheet
222Kb / 1P
   SJT or Equivalent, 12/3 Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com