Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-1600-27 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-1600-27
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-1600-27 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  RSP-1600-27 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-1600-27 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-1600-27 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-1600-27 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-1600-27 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-1600-27 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RSP-1600-27 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RSP-1600-27 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
※ In addition to the adjustment via the built-in potentiometer, the output voltage can be trimmed by applying EXTERNAL VOLTAGE.
2. Output Voltage Programming (or, PV / remote voltage programming / remote adjust / margin programming / dynamic voltage trim)
60
80
100
125
V
100
40
60
80
20
OUTPUT VOLTAGE (%)
40
EXTERNAL VOLTAGE (DC)
Function Manual
40
60
EXTERNAL VOLTAGE (DC)
100
125
Vout
0.4
0
1
4.7
5
V
Non-Linear
12V
Others
◎ The rated current should change with the Output Voltage Programming accordingly.
For Remote Sense / Local Sense, please refer to “Voltage Drop Compensation” section.
CN1
PIN14 -V(signal)
PIN12 PV
+V
-V
1600W Power Supply with Single Output
RSP-1600 series
File Name:RSP-1600-SPEC 2016-12-30
The +S signal should be connected to the positive terminal of the load whereas -S signal to the negative terminal.
1. Voltage Drop Compensation
Sense lines should be twisted in pairs to minimize noise pick-up.
L
L
O
O
A
A
D
D
-
-
V
V
+V
+V
PIN16 -S
PIN15 +S
PIN16 -S
PIN15 +S
PIN13 +V(signal)
PIN14 -V(signal)
CN1
CN1
+V
+V
-V
-V
※ The Remote Sense compensates voltage drop on the load wiring up to 0.5V
1.1 Remote Sense
1.2 Local Sense
※ The +S,-S have to be connected to the +V(signal), -V(signal), respectively, as the following diagram, in order to get the correct output voltage if
Remote Sense is not used.


Similar Part No. - RSP-1600-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-160-12 MEANWELL-RSP-160-12 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-15 MEANWELL-RSP-160-15 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-24 MEANWELL-RSP-160-24 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-48 MEANWELL-RSP-160-48 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-5 MEANWELL-RSP-160-5 Datasheet
404Kb / 2P
   160W Single Output Medical Type
More results

Similar Description - RSP-1600-27

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com