Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-1600 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-1600
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-1600 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RSP-1600 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPECIFICATION
1600W Power Supply with Single Output
RSP-1600 series
File Name:RSP-1600-SPEC 2016-12-30
RSP-1600-12
RSP-1600-24
RSP-1600-27
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
AC CURRENT (Typ.)
Note.5
12V
24V
27V
125A
67A
59A
0 ~ 125A
0 ~ 67A
0 ~ 59A
1500W
1608W
1593W
150mVp-p
11.5 ~ 15V
200mVp-p
200mVp-p
23.5 ~ 30V
26.5 ~ 33.5V
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
1500ms, 60ms/230VAC at full load
16ms / 230VAC @ 75% load
10ms / 230VAC at full load
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
0.97/230VAC at full load
89%
COLD START 35A/230VAC
14A/115VAC
8A/230VAC 15A/115VAC
8.5A/230VAC
<2mA / 230VAC
RSP-1600-48
RSP-1600-36
48V
36V
33.5A
44.5A
0 ~ 33.5A
0 ~ 44.5A
1608W
1602W
300mVp-p
250mVp-p
47.5 ~ 58.8V
35.5 ~ 45V
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.4
91.5%
92%
93%
92%
OVER TEMPERATURE
OUTPUT VOLTAGE
PROGRAMMABLE(PV)
OVERLOAD
OVER VOLTAGE
105 ~ 115% rated output power
15.75 ~ 18.75V
Protection type : Shut down o/p voltage, re-power on to recover
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
31.5 ~ 37.5V
35.2 ~ 41.9V
63 ~ 75V
47.2 ~ 56.3V
PROTECTION
ALARM SIGNAL
REMOTE SENSE
REMOTE ON-OFF CONTROL
AUXILIARY POWER
5V @ 0.3A, 12V @ 0.8A
FUNCTION
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
-30 ~ +70
(Refer to "Derating Curve")
20 ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
non-condensing
±℃
0.03%/
(0 ~ 50
)
ENVIRONMENT
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
SAFETY STANDARDS
WITHSTAND VOLTAGE
UL60950-1, TUV EN60950-1 approved
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:1.5KVAC
ISOLATION RESISTANCE
MTBF
DIMENSION
PACKING
OTHERS
160.9K hrs min.
Telcordia SR-332 (Bellcore) ; 42.1K hrs min.
MIL-HDBK-217F (25
)
300*85*41mm (L*W*H)
SAFETY &
EMC
(Note 6)
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
2.1Kg;6pcs/13.6Kg/1.03CUFT
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Voltage Dips and Interruptions
Conducted
Radiated
Harmonic Current
Voltage Flicker
Standard
Standard
EN55022 (CISPR22) / EN55011 (CISPR11)
EN55022 (CISPR22) / EN55011 (CISPR11)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Class B
Class A
Class A
-----
NOTE
EMC IMMUNITY
EMC EMISSION
Isolated signal output for T-alarm and DC OK
Compensate voltage drop on the load wiring up to 0.5V. Please refer to the Function Manual
By electrical signal or dry contact
Power ON:short
Power OFF:open. Please refer to the Function Manual
Adjustment of output voltage is allowable to 40 ~ 125% of nominal output voltage (60 ~ 125% for 12V).
Please refer to the Function Manual.
Adjustment of constant current level is allowable to 20 ~ 100% of rated current. Please refer to the Function Manual.
CONSTANT CURRENT LEVEL PROGRAMMABLE(PC)
EN55024 , EN61204-3, EN61000-6-2
Level 3, 8KV air ; Level 2, 4KV contact
Level 3
Level 3
Level 4, 2KV/Line-Line 4KV/Line-Earth
Level 3
Level 4
>95% dip 0.5 periods, 30% dip 25 periods,
>95% interruptions 250 periods
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Under parallel operation ripple of the output voltage may be higher than the SPEC at light load condition. It will go back to normal ripple level once the
output load is more than 5%.
4. Tolerance : includes set up tolerance, line regulation and load regulation.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. The power supply is considered a component which will be installed into a final equipment. All the EMC tests are been executed by mounting the unit on
a
mm*
mm metal plate with 1mm of thickness. The final equipment must be re-confirmed that it still meets EMC directives.
360
360
For guidance on how to
perform these EMC tests, please refer to “EMI testing of component power supplies.” (as available on http://www.meanwell.com)
Protection type : Constant current limiting, unit will shut down o/p voltage after 5 sec. re-power on to recover


Similar Part No. - RSP-1600

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-160-12 MEANWELL-RSP-160-12 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-15 MEANWELL-RSP-160-15 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-24 MEANWELL-RSP-160-24 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-48 MEANWELL-RSP-160-48 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-5 MEANWELL-RSP-160-5 Datasheet
404Kb / 2P
   160W Single Output Medical Type
More results

Similar Description - RSP-1600

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com