Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-1600 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-1600
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-1600 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  RSP-1600 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RSP-1600 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6.Current Sharing with Remote Sense
RSP-1600 has the built-in active current sharing function and can be connected in parallel, up to 6 units, to provide higher output power as exhibited below :
※ The power supplies should be paralleled using short and large diameter wiring and then connected to the load.
※ Difference of output voltages among parallel units should be less than 0.2V.
※ The total output current must not exceed the value determined by the following equation:
the current shared among units may not be balanced.
×
When the total output current is less than 5% of the total rated current, or say (5% of Rated current per unit)
(Number of unit)
Under parallel operation ripple of the output voltage may be higher than the SPEC at light load condition. It will go back to normal ripple level once the
output load is more than 5%.
※ CN500/SW1 Function pin connection
-V(signal)
DA,DB and
are connected mutually in parallel.
For Remote Sense / Local Sense, please refer to “Voltage Drop Compensation” section.
(V : CN500 connected ; X : CN500 not connected.)
Parallel
CN500
CN500
CN500
CN500
CN500
CN500
SW1
SW1
SW1
SW1
SW1
SW1
PSU1
PSU2
PSU3
PSU4
PSU5
PSU6
1 unit
X
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
ON
ON
ON
ON
ON
ON
V
VV
V
V
V
ON
V
V
V
ON
ON
ON
V
V
V
V
VV
V
V
V
V
V
2 unit
3 unit
4 unit
5 unit
6 unit
Maximum output current at parallel operation=(Rated current per unit)
(Number of unit)
0.9
××
DA
DA
DA
DA
DA
DA
DB
DB
DB
DB
DB
DB
DB
DB
DB
DB
DB
RSP-1600
RSP-1600
RSP-1600
RSP-1600
RSP-1600
RSP-1600
+V
If the lines of CN500 are too long, they should
be twisted in pairs to avoid the noise.
-V
LOAD
33333
PSU2 CN500
PSU3 CN500
PSU4 CN500
PSU5 CN500
PSU6 CN500
PSU1 CN500
Fig 5.1
2
22222
4
44444
6
66666
TB1
-V
+V
TB1
-V
+V
TB1
-V
+V
TB1
-V
+V
TB1
-V
+V
TB1
-V
+V
DA
DA
DA
DA
DA
DA
DB
-V(signal)
-V(signal)
-V(signal)
-V(signal)
-V(signal)
-V(signal)
-V(signal)
-V(signal)
-V(signal)
-V(signal)
-V(signal)
-V(signal)
PSU1
PSU2
PSU3
PSU4
PSU5
PSU6
3
1
11111
5
55555
1600W Power Supply with Single Output
RSP-1600 series
File Name:RSP-1600-SPEC 2016-12-30


Similar Part No. - RSP-1600

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-160-12 MEANWELL-RSP-160-12 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-15 MEANWELL-RSP-160-15 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-24 MEANWELL-RSP-160-24 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-48 MEANWELL-RSP-160-48 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RSP-160-5 MEANWELL-RSP-160-5 Datasheet
404Kb / 2P
   160W Single Output Medical Type
More results

Similar Description - RSP-1600

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com