Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEST2G-080-25 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MEST2G-080-25
Description  Pin Diode Switch Element
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MEST2G-080-25 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MEST2G-080-25 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MEST2G-080-25 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MEST2G-080-25 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MEST2G-080-25 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pin Diode Switch Element
Rev. V1
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
MEST2G-080-25
Package Outline (CM27)
Junction Temperature vs. PIN
(Mounted on Heat Sink @ TA = +25°C, 1.3 GHz)
Resistance vs. Current, 500 MHz
For Two Diodes in Series


Similar Part No. - MEST2G-080-25

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MEST2G-010-20 MA-COM-MEST2G-010-20 Datasheet
815Kb / 6P
   Pin Diode Switch Element
MEST2G-020-15 MA-COM-MEST2G-020-15 Datasheet
835Kb / 5P
   Pin Diode Switch Element
MEST2G-025-10-CM32 MA-COM-MEST2G-025-10-CM32 Datasheet
871Kb / 5P
   Pin Diode Switch Element
MEST2G-050-45 MA-COM-MEST2G-050-45 Datasheet
904Kb / 5P
   Pin Diode Switch Element
MEST2G-050-80 MA-COM-MEST2G-050-80 Datasheet
900Kb / 5P
   Pin Diode Switch Element
More results

Similar Description - MEST2G-080-25

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MEST2G-150-10-CM30 MA-COM-MEST2G-150-10-CM30 Datasheet
850Kb / 5P
   Pin Diode Switch Element
MEST2G-150-10-CM32 MA-COM-MEST2G-150-10-CM32 Datasheet
847Kb / 5P
   Pin Diode Switch Element
MEST2G-020-15 MA-COM-MEST2G-020-15 Datasheet
835Kb / 5P
   Pin Diode Switch Element
MEST2G-050-45 MA-COM-MEST2G-050-45 Datasheet
904Kb / 5P
   Pin Diode Switch Element
MEST2G-160-10-CM33 MA-COM-MEST2G-160-10-CM33 Datasheet
958Kb / 7P
   Pin Diode Switch Element
MEST2GFC-010-25 MA-COM-MEST2GFC-010-25 Datasheet
735Kb / 4P
   Pin Diode Switch Element
MEST2G-050-80 MA-COM-MEST2G-050-80 Datasheet
900Kb / 5P
   Pin Diode Switch Element
MEST2G-010-20 MA-COM-MEST2G-010-20 Datasheet
815Kb / 6P
   Pin Diode Switch Element
MEST2G-025-10-CM32 MA-COM-MEST2G-025-10-CM32 Datasheet
871Kb / 5P
   Pin Diode Switch Element
MEST2G-100-20-CM33 MA-COM-MEST2G-100-20-CM33 Datasheet
954Kb / 7P
   Pin Diode Switch Element
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com