Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-34143-TR2 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # ATF-34143-TR2
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-34143-TR2 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button ATF-34143-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-34143-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-34143-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-34143-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-34143-TR2 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-34143-TR2 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-34143-TR2 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF-34143-TR2 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF-34143-TR2 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
ATF-34143 Typical Noise Parameters
VDS = 4 V, IDS = 60 mA
Freq.
Fmin
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
-
dB
0.5
0.11
0.84
15
0.14
24.5
0.9
0.14
0.78
30
0.12
20.7
1.0
0.15
0.77
34
0.12
20.2
1.5
0.20
0.69
53
0.10
18.5
1.8
0.23
0.66
62
0.10
17.7
2.0
0.26
0.62
72
0.09
17.2
2.5
0.33
0.55
91
0.07
16.3
3.0
0.39
0.50
111
0.05
15.4
4.0
0.53
0.43
149
0.03
13.7
5.0
0.67
0.39
-173
0.04
12.3
6.0
0.81
0.39
-137
0.07
11.1
7.0
0.96
0.42
-104
0.14
10.0
8.0
1.10
0.47
-76
0.26
9.2
9.0
1.25
0.54
-53
0.41
8.6
10.0
1.39
0.62
-37
0.60
8.2
ATF-34143 Typical Scattering Parameters, V
DS = 4 V, IDS = 60 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.5
0.95
-41
21.91
12.454
150
-31.06
0.028
68
0.29
-41
26.48
0.8
0.89
-65
21.33
11.654
134
-28.18
0.039
57
0.24
-67
24.75
1.0
0.85
-83
20.46
10.549
123
-26.56
0.047
49
0.23
-84
23.51
1.5
0.78
-111
18.74
8.646
103
-24.44
0.060
38
0.21
-114
21.59
1.8
0.75
-122
17.92
7.873
95
-23.74
0.065
33
0.21
-125
20.83
2.0
0.73
-133
17.16
7.207
87
-23.22
0.069
29
0.20
-136
20.19
2.5
0.69
-151
15.78
6.149
73
-22.38
0.076
22
0.19
-155
19.08
3.0
0.67
-168
14.56
5.345
60
-21.62
0.083
15
0.19
-171
18.09
4.0
0.64
161
12.53
4.232
37
-20.54
0.094
3
0.18
162
16.53
5.0
0.63
134
10.88
3.501
16
-19.58
0.105
-10
0.19
135
15.23
6.0
0.64
111
9.49
2.983
-5
-18.79
0.115
-24
0.21
109
12.89
7.0
0.66
86
8.15
2.557
-26
-18.27
0.122
-38
0.24
84
11.22
8.0
0.69
65
6.92
2.217
-46
-17.79
0.129
-51
0.28
62
10.21
9.0
0.73
46
5.72
1.932
-65
-17.46
0.134
-65
0.33
42
9.36
10.0
0.76
28
4.73
1.723
-84
-16.95
0.142
-79
0.38
25
8.94
11.0
0.78
9
3.70
1.531
-104
-16.71
0.146
-94
0.42
7
8.23
12.0
0.81
-11
2.57
1.344
-124
-16.71
0.146
-111
0.47
-12
7.56
13.0
0.84
-30
1.20
1.148
-143
-17.02
0.141
-126
0.52
-29
6.94
14.0
0.86
-44
-0.12
0.986
-159
-17.46
0.134
-139
0.58
-43
6.37
15.0
0.87
-56
-1.21
0.870
-175
-17.59
0.132
-150
0.62
-58
5.78
16.0
0.86
-72
-2.21
0.775
168
-17.59
0.132
-163
0.65
-71
4.60
17.0
0.86
-88
-3.35
0.680
151
-17.65
0.131
-178
0.68
-86
3.79
18.0
0.89
-101.99
-4.81
0.575
135
-18.42
0.120
169
0.71
-104
3.33
FREQUENCY (GHz)
Figure 26. MSG/MAG and |S21|
2 vs.
Frequency at 4 V, 60 mA.
04
2
8
14
16
10
12
618
30
25
20
15
10
5
0
-5
-10
MSG
MAG
S21
Notes:
1. Fmin values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values
are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these
measurements a true Fmin is calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the
end of the gate lead. The output reference plane is at the end of the drain lead. The parameters include the effect of four plated
through via holes connecting source landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the
carrier. Two 0.020 inch diameter via holes are placed within 0.010 inch from each source lead contact point, one via on each side of
that point.
88759/05-3.PM6.5J
2001.04.26, 9:15 AM
Page 10
Adobe PageMaker 6.5J/PPC


Similar Part No. - ATF-34143-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-34143-TR2 HP-ATF-34143-TR2 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR2G AVAGO-ATF-34143-TR2G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-34143-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-35143 HP-ATF-35143 Datasheet
127Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143 AVAGO-ATF-34143_15 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-35143 BOARDCOM-ATF-35143 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143-BLKG AVAGO-ATF-33143-BLKG Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com