Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ15001 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJ15001
Description  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15001 Datasheet(HTML) 2 Page - ON Semiconductor

  MJ15001_13 Datasheet HTML 1Page - ON Semiconductor MJ15001_13 Datasheet HTML 2Page - ON Semiconductor MJ15001_13 Datasheet HTML 3Page - ON Semiconductor MJ15001_13 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ15001 (NPN), MJ15002 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC, = 200 mAdc, IB = 0)
VCEO(sus)
140
Vdc
Collector Cutoff Current
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc)
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150°C)
ICEX
100
2.0
mAdc
mAdc
Collector Cutoff Current
(VCE = 140 Vdc, IB = 0)
ICEO
250
mAdc
Emitter Cutoff Current
(VEB = 5 Vdc, IC = 0)
IEBO
100
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 40 Vdc, t = 1 s (non−repetitive))
(VCE = 100 Vdc, t = 1 s (non−repetitive))
IS/b
5.0
0.5
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 4 Adc, VCE = 2 Vdc)
hFE
25
150
Collector−Emitter Saturation Voltage
(IC = 4 Adc, IB = 0.4 Adc)
VCE(sat)
1.0
Vdc
Base−Emitter On Voltage
(IC = 4 Adc, VCE = 2 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain — Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, ftest = 0.5 MHz)
fT
2.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
1000
pF
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2%.
5
Figure 1. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5
7
10
200
10
2
2
3
50 70 100
20
30
7
200
1
3
0.5
0.2
0.7
0.3
TC = 25°C
TJ = 200°C
BONDING WIRE LIMITED
THERMAL LIMITATION (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW RATED VCEO
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 1 is based on TJ (pk) = 200°C; TC is
variable depending on conditions. At high case
temperatures, thermal limitations will reduce the power that
can be handled to values less than the limitations imposed by
second breakdown.


Similar Part No. - MJ15001_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15001G ONSEMI-MJ15001G Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 4
MJ15001 ONSEMI-MJ15001_05 Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 4
More results

Similar Description - MJ15001_13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com