Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSVMMBTH10LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSVMMBTH10LT1G
Description  VHF/UHF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMMBTH10LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSVMMBTH10LT1G Datasheet HTML 1Page - ON Semiconductor NSVMMBTH10LT1G Datasheet HTML 2Page - ON Semiconductor NSVMMBTH10LT1G Datasheet HTML 3Page - ON Semiconductor NSVMMBTH10LT1G Datasheet HTML 4Page - ON Semiconductor NSVMMBTH10LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTH10L, MMBTH10−4L, SMMBTH10−4L, NSVMMBTH10L
www.onsemi.com
4
TYPICAL CHARACTERISTICS
f, FREQUENCY (MHz)
Figure 5. Rectangular Form
grb (mmhos)
Figure 6. Polar Form
f, FREQUENCY (MHz)
Figure 7. Rectangular Form
gob (mmhos)
Figure 8. Polar Form
0
2.0
4.0
6.0
8.0
10
-2.0
-1.2
-0.4
0.4
0
-5.0
1.2
2.0
10
4.0
2.0
0
-1.8
-0.8
0
0.8
1.6
8.0
6.0
-4.0
-3.0
-2.0
-1.0
100
4.0
3.0
1.0
0
200
300
400
500
700
1000
5.0
100
200
300
400
500
700
1000
0
3.0
2.0
1.0
4.0
7.0
6.0
5.0
10
9.0
8.0
2.0
bob
gob
-brb
-brb
-grb
MPS H11
MPS H10
100
200
400
700
1000 MHz
100
200
400
700
1000 MHz
yob, OUTPUT ADMITTANCE
COMMON−BASE y PARAMETERS versus FREQUENCY
(VCB = 10 Vdc, IC = 4.0 mAdc, TA = 25°C)
yrb, REVERSE TRANSFER ADMITTANCE


Similar Part No. - NSVMMBTH10LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMMBT2222ATT1G ONSEMI-NSVMMBT2222ATT1G Datasheet
124Kb / 6P
   General Purpose Transistor
November, 2013 ??Rev. 5
NSVMMBT2222ATT1G ONSEMI-NSVMMBT2222ATT1G Datasheet
154Kb / 7P
   General Purpose Transistor
July, 2018 ??Rev. 6
NSVMMBT2907AWT1G ONSEMI-NSVMMBT2907AWT1G Datasheet
73Kb / 5P
   General Purpose Transistor
July, 2016 ??Rev. 8
NSVMMBT5087LT1G ONSEMI-NSVMMBT5087LT1G Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
NSVMMBT5087LT3G ONSEMI-NSVMMBT5087LT3G Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
More results

Similar Description - NSVMMBTH10LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
   VHF/UHF TRANSISTOR
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
   VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
logo
Continental Device Indi...
CMBT918 CDIL-CMBT918 Datasheet
132Kb / 3P
   VHF/UHF TRANSISTOR
logo
Motorola, Inc
MMBTH69LT1 MOTOROLA-MMBTH69LT1 Datasheet
74Kb / 4P
   UHF/VHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MSD2714AT1 ONSEMI-MSD2714AT1_06 Datasheet
54Kb / 4P
   VHF/UHF Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
MMBTH81LT1 MOTOROLA-MMBTH81LT1 Datasheet
73Kb / 4P
   UHF/VHF Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com