Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT6521LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBT6521LT1G
Description  Amplifier Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6521LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT6521LT1G Datasheet HTML 1Page - ON Semiconductor MMBT6521LT1G Datasheet HTML 2Page - ON Semiconductor MMBT6521LT1G Datasheet HTML 3Page - ON Semiconductor MMBT6521LT1G Datasheet HTML 4Page - ON Semiconductor MMBT6521LT1G Datasheet HTML 5Page - ON Semiconductor MMBT6521LT1G Datasheet HTML 6Page - ON Semiconductor MMBT6521LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2003
October, 2016 − Rev. 7
1
Publication Order Number:
MMBT6521LT1/D
MMBT6521LT1G,
SMMBT6521LT1G
Amplifier Transistor
NPN Silicon
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
25
Vdc
Collector − Base Voltage
VCBO
40
Vdc
Emitter − Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) @TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) @TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
SOT− 23 (TO − 236)
CASE 318 − 08
STYLE 6
COLLECTOR
3
1
BASE
2
EMITTER
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
MMBT6521LT1G
1
RO M
G
G
RO
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
(Note: Microdot may be in either location)
MARKING DIAGRAM
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
SMMBT6521LT1G
www.onsemi.com


Similar Part No. - MMBT6521LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6521LT1G ONSEMI-MMBT6521LT1G Datasheet
110Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
MMBT6521LT1G ONSEMI-MMBT6521LT1G Datasheet
295Kb / 7P
   Amplifier Transistor
August, 2009 ??Rev. 5
More results

Similar Description - MMBT6521LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
73Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 11
2N5087 ONSEMI-2N5087 Datasheet
146Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 1
logo
Fairchild Semiconductor
KSP8098 FAIRCHILD-KSP8098 Datasheet
37Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
P2N2907A MOTOROLA-P2N2907A Datasheet
240Kb / 6P
   Amplifier Transistor
logo
ON Semiconductor
MMBT8099LT1G ONSEMI-MMBT8099LT1G Datasheet
163Kb / 5P
   Amplifier Transistor
August, 2009 ??Rev. 2
MPS6507 ONSEMI-MPS6507 Datasheet
97Kb / 2P
   Amplifier Transistor
August, 2006 ??Rev. 1
logo
Fairchild Semiconductor
KSP05 FAIRCHILD-KSP05 Datasheet
35Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
MPS3390 MOTOROLA-MPS3390 Datasheet
169Kb / 5P
   AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1 Datasheet
97Kb / 8P
   Amplifier Transistor
January, 2001 ??Rev. 0
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
   Amplifier Transistor
MPS4124 MOTOROLA-MPS4124 Datasheet
57Kb / 4P
   Amplifier Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com