Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW21193G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NJW21193G
Description  Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW21193G Datasheet(HTML) 1 Page - ON Semiconductor

  NJW21193G Datasheet HTML 1Page - ON Semiconductor NJW21193G Datasheet HTML 2Page - ON Semiconductor NJW21193G Datasheet HTML 3Page - ON Semiconductor NJW21193G Datasheet HTML 4Page - ON Semiconductor NJW21193G Datasheet HTML 5Page - ON Semiconductor NJW21193G Datasheet HTML 6Page - ON Semiconductor NJW21193G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 1
1
Publication Order Number:
NJW21193/D
NJW21193G (PNP)
NJW21194G (NPN)
Silicon Power Transistors
The NJW21193G and NJW21194G utilize Perforated Emitter
technology and are specifically designed for high power audio output,
disk head positioners and linear applications.
Features
Total Harmonic Distortion Characterized
High DC Current Gain
Excellent Gain Linearity
High SOA
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Base Voltage
VCBO
400
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector−Emitter Voltage − 1.5 V
VCEX
400
Vdc
Collector Current − Continuous
IC
16
Adc
Collector Current − Peak (Note 1)
ICM
30
Adc
Base Current − Continuous
IB
5.0
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25°C
PD
200
1.6
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle ≤ 10%.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
0.625
°C/W
Thermal Resistance,
Junction−to−Ambient
RqJA
40
°C/W
16 AMPERES
COMPLEMENTARY SILICON
POWER TRANSISTORS
250 VOLTS, 200 WATTS
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
TO−3P
CASE 340AB
STYLES 1,2,3
MARKING
DIAGRAM
NJW21194G
TO−3P
(Pb−Free)
30 Units/Rail
NJW21193G
TO−3P
(Pb−Free)
30 Units/Rail
NJW2119xG
AYWW
x
= 3 or 4
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
1
2
3
4
12
3
1
BASE
EMITTER 3
COLLECTOR 2, 4
1
BASE
EMITTER 3
COLLECTOR 2, 4
PNP
NPN


Similar Part No. - NJW21193G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW21193G ONSEMI-NJW21193G Datasheet
95Kb / 7P
   Silicon Power Transistors
January, 2008 - Rev. 0
logo
Inchange Semiconductor ...
NJW21193G ISC-NJW21193G Datasheet
263Kb / 2P
   isc Silicon PNP Power Transistor
logo
Thinki Semiconductor Co...
NJW21193G THINKISEMI-NJW21193G Datasheet
3Mb / 6P
   200 Watt Silicon Epitaxial Planar PNP Type Power Transistor
Rev.13T
More results

Similar Description - NJW21193G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com