Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS12200L Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSS12200L
Description  PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS12200L Datasheet(HTML) 3 Page - ON Semiconductor

  NSS12200L Datasheet HTML 1Page - ON Semiconductor NSS12200L Datasheet HTML 2Page - ON Semiconductor NSS12200L Datasheet HTML 3Page - ON Semiconductor NSS12200L Datasheet HTML 4Page - ON Semiconductor NSS12200L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSS12200L
www.onsemi.com
3
TYPICAL CHARACTERISTICS
−55°C
VCE(sat) = 150°C
IC/IB = 10
25°C
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
10
1.0
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
0.25
Figure 3. DC Current Gain vs. Collector
Current
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1.0
0.1
0.01
0.001
100
150
300
350
500
700
750
800
10
1.0
0.1
0.01
0.001
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
Figure 5. Base Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Saturation Region
IC, COLLECTOR CURRENT (A)
IB, BASE CURRENT (mA)
10
1.0
0.1
0.01
0.001
0.1
0.2
0.3
0.4
0.5
0.8
0.9
1.0
100
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
IC/IB = 100
25°C
−55°C
IC, COLLECTOR CURRENT (A)
10
1.0
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
0.35
VCE(sat) = 150°C
0.25
0.3
650
600
550
200
250
400
450
0.9
150°C (5.0 V)
150°C (2.0 V)
25°C (5.0 V)
25°C (2.0 V)
−55°C (5.0 V)
−55°C (2.0 V)
25°C
−55°C
150°C
0.6
0.7
25°C
−55°C
150°C
VCE = −2.0 V
VCE (V) IC = 500 mA
300 mA
10 mA
100 mA
IC/IB = 10


Similar Part No. - NSS12200L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
More results

Similar Description - NSS12200L

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com