Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IG1212SA Datasheet(PDF) 1 Page - XP Power Limited

Part # IG1212SA
Description  Single & Dual Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IG1212SA Datasheet(HTML) 1 Page - XP Power Limited

  IG1212SA Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
02-Nov-10
Specification
2 Watt
Single & Dual Output
SIP Package
Industry Standard Pinout
6000 VDC Isolation
40 °C to +85 °C Operation
MTBF >3.5 MHrs
3 Year Warranty
IG Series
Input
Input Voltage Range
• Nominal ±10%
Input Reverse Voltage
• None
Protection
Output
Output Voltage
See table
Minimum Load
• 10%
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• ±15% for a 10-100% load change
Setpoint Accuracy
• 100-110% of nominal at 10% load
Ripple & Noise
• 250 mV pk-pk 20 MHz bandwidth
Temperature Coefficient
• 0.03%/°C
Short Circuit Protection
• Continuous
General
Efficiency
• See table
Isolation Voltage
• 6000 VDC (tested for 1 min)
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 10 pF max
Switching Frequency
• 5 V input: 45 kHz, 12 V/24 V input: 50 kHz
typical at nominal input, full load
MTBF
• >3.5 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C
Storage Temperature
• -55 °C to +125 °C
Case Temperature
• 105 °C max
Cooling
• Convection-cooled
xppower.com
Input Voltage Output Voltage Output Current Efficiency (typ) Model Number(1)
5 VDC
5.0 V
400 mA
74%
IG0505SA
9.0 V
222 mA
77%
IG0509SA
12.0 V
167 mA
77%
IG0512SA
15.0 V
133 mA
77%
IG0515SA
12 VDC
5.0 V
400 mA
75%
IG1205SA
9.0 V
222 mA
78%
IG1209SA
12.0 V
167 mA
80%
IG1212SA
15.0 V
133 mA
78%
IG1215SA
24 VDC
5.0 V
400 mA
75%
IG2405SA
9.0 V
222 mA
77%
IG2409SA
12.0 V
167 mA
80%
IG2412SA
15.0 V
133 mA
79%
IG2415SA
Mechanical Details
0.10
(2.50)
0.079
(2.00)
15 6 7
2
Bottom View
0.38
(9.80)
Side View
0.49
(12.50)
0.77 (19.50)
0.1
(2.54)
0.02
(0.50)
0.161
(4.10)
Dual Output
12
5
7
6
Single Output
12
5
7
1. For dual output versions, delete ‘A’ from part number and split current equally
between outputs.
Notes
Dimensions in inches (mm)
Weight: 0.009 lbs (4.3 g)
Tolerance: ±0.010 (±0.25)
Pin diameter: 0.020 x 0.012 (0.50 x 0.30)
Pin tolerance: ±0.004 (±0.10 mm)
Notes
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
0 V
-Vo
6
No Pin
0 V
7
+Vo
+Vo
Recommended footprint
Top view grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Diameter: 0.39” (1.0 mm)


Similar Part No. - IG1212SA

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
IG120 MPD-IG120 Datasheet
1,019Kb / 4P
   IG120 SERIES
logo
Vishay Siliconix
IG120 VISHAY-IG120 Datasheet
73Kb / 3P
   Current Chokes, Axial Leads Noise Suppression Applications
Revision: 28-Apr-16
IG120 VISHAY-IG120 Datasheet
70Kb / 3P
   Current Chokes, Axial Leads Noise Suppression ApplicationsS
01-Jan-2022
logo
MicroPower Direct, LLC
IG120-12 MPD-IG120-12 Datasheet
258Kb / 2P
   High Isolation IGBT Driver DC/DC Converters
IG120-12W MPD-IG120-12W Datasheet
258Kb / 2P
   High Isolation IGBT Driver DC/DC Converters
More results

Similar Description - IG1212SA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISF0305A XPPOWER-ISF0305A Datasheet
108Kb / 1P
   Single & Dual Output
logo
Power Mate Technology C...
HEC75-48S1P8 P-DUKE-HEC75-48S1P8 Datasheet
339Kb / 4P
   Single/Dual output
logo
XP Power Limited
SF_IR XPPOWER-SF_IR Datasheet
72Kb / 1P
   Single & Dual Output
ID0505SA XPPOWER-ID0505SA Datasheet
204Kb / 1P
   Single & Dual Output
SF_IP XPPOWER-SF_IP Datasheet
252Kb / 1P
   Regulated Single & Dual Output
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com