Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G20 Datasheet(PDF) 6 Page - XP Power Limited

Part # G20
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G20 Datasheet(HTML) 6 Page - XP Power Limited

Back Button G20 Datasheet HTML 2Page - XP Power Limited G20 Datasheet HTML 3Page - XP Power Limited G20 Datasheet HTML 4Page - XP Power Limited G20 Datasheet HTML 5Page - XP Power Limited G20 Datasheet HTML 6Page - XP Power Limited G20 Datasheet HTML 7Page - XP Power Limited G20 Datasheet HTML 8Page - XP Power Limited G20 Datasheet HTML 9Page - XP Power Limited G20 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4726BH01
PAGE 6
WWW.XPPOWER.COM
G SERIES
PIN/WIRE #
FUNCTION
1
(+) Input
2
(-) Input
3
(+) Output
4
(-) Output
5
Dual Output/Center Tap
G01CT THRU G20CT MECHANICAL SPECIFICATIONS
1.50
(38.10)
1.50
(38.10)
0.031
(0.79)
Ø
PC PIN
5 PLACES
TOP VIEW
0.63
(16.00)
0.25
(6.35)
1.000
(25.40)
0.15
(3.81)
1.200
(30.48)
1
2
4
3
RECOMMENDED
HOLE & PAD O.D. SIZE:
Ø
0.052 (1.32 ) & Ø0.082 (2.08 )
5 PLACES
5
0.50
(12.70)
0.20
(5.08)
0.800
(20.32)
0.35
(8.89)
RECOMMENDED
PCB LAYOUT
TOP VIEW
PARAMETER
VALUE
WEIGHT
Weight: 1.5 OZ (43 Grams)
VOLUME
1.4 cubic Inches (23 cubic centimeters)
DIMENSIONS
1.5L (38.1L) x 1.5W (38.1L) x 0.63H (16.0H)
CASE MATERIAL
Diallyl Phthalate (DAP)
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)


Similar Part No. - G20

ManufacturerPart #DatasheetDescription
logo
Powerbox
G20 POWERBOX-G20 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Virginia Panel Corporat...
G20 VPC-G20 Datasheet
1Mb / 2P
   Protective Cover, G20, Receiver
logo
Shenzhen Taychipst Elec...
G20 TAYCHIPST-G20 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
Cherry Semiconductor Co...
G20 CHERRY-G20 Datasheet
3Mb / 3P
   5 current ratings
logo
Vishay Siliconix
G20 VISHAY-G20 Datasheet
330Kb / 2P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results

Similar Description - G20

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com