Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP03 Datasheet(PDF) 6 Page - XP Power Limited

Part # GP03
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GP03 Datasheet(HTML) 6 Page - XP Power Limited

  GP03 Datasheet HTML 1Page - XP Power Limited GP03 Datasheet HTML 2Page - XP Power Limited GP03 Datasheet HTML 3Page - XP Power Limited GP03 Datasheet HTML 4Page - XP Power Limited GP03 Datasheet HTML 5Page - XP Power Limited GP03 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4728X01
PAGE 6
WWW.XPPOWER.COM
* Notes:
1. At maximum rated output voltage.
2. Output voltage is load dependent. Under light or no load conditions, reduce input voltage so maximum rated output voltage is not exceeded.
3. Specifications after 30 minute warm up, full load, at 25C unless otherwise indicated.
4. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
5. Models GP40, GP50 & GP60 do not have internal bleeder resistors on the output. Provisions must be made externally to discharge the output capacitors if this feature is desired.
XP EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP EMCO sales representative for more details.
HOW TO ORDER
Transformer
Oscillator
(+) Output
(-) Output
(+) In
(-) In
Rectifier
&
Multiplier
Model
Output Voltage (See table)
EXAMPLE: GP10AB (GP-Model, 10-Output Voltage, AB-Shielding & Mounting Enclosure)
PART NUMBER SELECTOR:
Model Number:
GP10AB
Shielding & Mounting Enclosure (Optional)
GP SERIES
BLOCK DIAGRAM
OPTION CODE TABLE
OPTION
ORDER CODE
MODELS
OPTIONS
Shielding and Mounting Enclosure
AB
ALL


Similar Part No. - GP03

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GP02 FCI-GP02 Datasheet
108Kb / 2P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
   HIGH VOLTAGE RECTIFIER
logo
Olitech Electronics Co....
GP02-13 OLITECH-GP02-13 Datasheet
660Kb / 2P
   High Voltage 1.5A Sintered Glass Passivated Rectifie
GP02-13A OLITECH-GP02-13A Datasheet
675Kb / 2P
   High Voltage 1.0A Sintered Glass Passivated Rectifie
GP02-14 OLITECH-GP02-14 Datasheet
660Kb / 2P
   High Voltage 1.5A Sintered Glass Passivated Rectifie
More results

Similar Description - GP03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com