Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AISC-1008-R010 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-1008-R010
Description  Wire Wound Inductor - Ceramic Or Ferrite Base
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1008-R010 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-1008-R010 Datasheet HTML 1Page - Abracon Corporation AISC-1008-R010 Datasheet HTML 2Page - Abracon Corporation AISC-1008-R010 Datasheet HTML 3Page - Abracon Corporation AISC-1008-R010 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wire Wound Inductor - Ceramic Or Ferrite Base
|||||||||| | | | | |
AISC-1008(F)
2.92 x 2.79 x 2.29m m
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Revised: 09.17.13
Part Number
AISC-1008F-
Inductance Code
Inductance
Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-1008F-R33
330
J, K, M
50
25/100
0.17
700
600
AISC-1008F-1R0
1,000
J, K, M
20
7.9/50
0.80
600
250
AISC-1008F-1R2
1,200
J, K, M
37
7.9/50
0.80
650
250
AISC-1008F-1R5
1,500
J, K, M
35
7.9/50
0.76
630
190
AISC-1008F-1R8
1,800
J, K, M
33
7.9/50
0.84
600
170
AISC-1008F-2R2
2,200
J, K, M
30
7.9/50
1.15
520
150
AISC-1008F-2R7
2,700
J, K, M
25
7.9/50
1.30
490
120
AISC-1008F-3R3
3,300
J, K, M
23
7.9/50
1.70
450
100
AISC-1008F-3R9
3,900
J, K, M
26
7.9/25
2.00
420
100
AISC-1008F-4R7
4,700
J, K, M
31
7.9/7.9
1.68
400
60
AISC-1008F-5R6
5,600
J, K, M
23
7.9/7.9
2.65
380
80
AISC-1008F-6R8
6,800
J, K, M
20
7.9/7.9
3.00
360
60
AISC-1008F-8R2
8,200
J, K, M
20
7.9/7.9
3.30
330
40
AISC-1008F-100
10,000
J, K, M
15
7.9/7.9
2.95
300
40
Test Conditions and Equipemt
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Q Factor (Q): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
Self-Resonant Frequency (SRF): Agilent4991B+Agilent16197A and HP 8753E or equivalent, -20dBm or
50mV
Rated Current (Ir): Ir is direct electric current as chip surface temperature rose just 20oC against
chip initial surface temperature (Ta)
Operating Temperature: -40ºC to +125ºC for AISC-1008, -40ºC to +85ºC for AISC-1008F
Storage Temperature: -10ºC to +40ºC, 70% RH max.
Pb RoHS/RoHS II Compliant


Similar Part No. - AISC-1008-R010

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1008-R010 ABRACON-AISC-1008-R010 Datasheet
6Mb / 4P
   Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
More results

Similar Description - AISC-1008-R010

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1008(F) ABRACON-AISC-1008(F) Datasheet
6Mb / 4P
   Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
AISC-0805-F ABRACON-AISC-0805-F Datasheet
1Mb / 3P
   WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
AISC-0805(F) ABRACON-AISC-0805(F) Datasheet
1Mb / 3P
   WIRE WOUND INDUCTOR - CERAMIC or FERRITE
04.15.11
AISC-1210HS ABRACON-AISC-1210HS Datasheet
1Mb / 4P
   Wire Wound Inductors (Ferrite Base)
12.08.11
AISC-0805LP ABRACON-AISC-0805LP Datasheet
1Mb / 2P
   LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE)
08.18.09
AISM-2220 ABRACON-AISM-2220 Datasheet
948Kb / 2P
   MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
09.09.10
logo
AVX Corporation
LCWF AVX-LCWF Datasheet
344Kb / 12P
   Wire Wound Chip Inductor (Ferrite) LCWF Series
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com