Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP2110HETRU Datasheet(PDF) 8 Page - COSMO Electronics Corporation

Part # KP2110HETRU
Description  6PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP2110HETRU Datasheet(HTML) 8 Page - COSMO Electronics Corporation

Back Button KP2110HETRU Datasheet HTML 3Page - COSMO  Electronics Corporation KP2110HETRU Datasheet HTML 4Page - COSMO  Electronics Corporation KP2110HETRU Datasheet HTML 5Page - COSMO  Electronics Corporation KP2110HETRU Datasheet HTML 6Page - COSMO  Electronics Corporation KP2110HETRU Datasheet HTML 7Page - COSMO  Electronics Corporation KP2110HETRU Datasheet HTML 8Page - COSMO  Electronics Corporation KP2110HETRU Datasheet HTML 9Page - COSMO  Electronics Corporation KP2110HETRU Datasheet HTML 10Page - COSMO  Electronics Corporation KP2110HETRU Datasheet HTML 11Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P01002.2
- 8 -
http://www.cosmo-ic.com
cosmo
KP2110 Series
6PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Numbering System
KP2110 X Y (Z)
Notes:
KP2110 = Part No.
X = Lead form option (0,S,H,L)
Y = CTR rank ( E )
Z = Tape and reel option (TL,TR,TLD,TRU)
Option
Description
Packing quantity
S (TL)
surface mount type package + TL tape & reel option
1000 units per reel
S (TR)
surface mount type package + TR tape & reel option
1000 units per reel
L TLD)
long creepage distance for surface mount type package +
TLD tape & reel option
1000 units per reel
L (TRU)
long creepage distance for surface mount type package +
TRU tape & reel option
1000 units per reel
Recommended Pad Layout for Surface Mount Lead Form
Unit : mm
2.Long creepage distance
for surface mount type.
6 pin SMD
6 pin L
1.Surface mount type.


Similar Part No. - KP2110HETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP2110H COSMO-KP2110H Datasheet
93Kb / 6P
   PRODUCT SPECIFICATION
More results

Similar Description - KP2110HETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
K2010 COSMO-K2010_15 Datasheet
289Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
   PHOTOTRANSISTOR / PHOTOCOUPLER
logo
Lite-On Technology Corp...
MOC3020 LITEON-MOC3020 Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
COSMO Electronics Corp...
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com