Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP12103STLD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP12103STLD
Description  4PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP12103STLD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP12103STLD Datasheet HTML 1Page - COSMO  Electronics Corporation KP12103STLD Datasheet HTML 2Page - COSMO  Electronics Corporation KP12103STLD Datasheet HTML 3Page - COSMO  Electronics Corporation KP12103STLD Datasheet HTML 4Page - COSMO  Electronics Corporation KP12103STLD Datasheet HTML 5Page - COSMO  Electronics Corporation KP12103STLD Datasheet HTML 6Page - COSMO  Electronics Corporation KP12103STLD Datasheet HTML 7Page - COSMO  Electronics Corporation KP12103STLD Datasheet HTML 8Page - COSMO  Electronics Corporation KP12103STLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00011.2
- 5 -
http://www.cosmo-ic.com
KP1210 Series
4PIN PHOTOTRANSISTOR
PHOTOCOUPLER
cosmo
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
0.5
1.0
10mA
1.5
30mA
I =40mA
25
50
Ta=25°
20mA
C
5mA
2mA
1mA
F
-55
0
-25
50
25
50
115
75
I
=5mA
V
=5V
150
100
0
F
CE
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (
)
Fig.8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Collector-Emitter Saturation
Voltage vs. Forward Current
0
- 5 5
0
5 0
2 5
7 5
1 0 0
Ic = 2 .4 m A
0 .0 4
0 .0 8
0 .1 2
0 .2 0
0 .1 6
0 .2 4
0 .3 0
0 .2 8
I
= 8 m A
F
0
5
0
10
1
2
3
5
4
6
7
C
Ta=25°
Ic=7m A
Ic= 5m A
Ic= 3m A
Ic= 1m A
Ic= 0.5m A
Ambient Temperature Ta (
)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
vs. Load Resistance
Fig.11 Response Time (Fall)
vs. Load Resistance
1 0
1
0 . 1
t r
0 . 5
0 . 2
0 . 1
1
2
5
1 0
2 0
1 0 0
5 0
I c = 2 m A
V
= 2 V
T a = 2 5 ° C
C E
1 0
0 .1
1
0 .1
0 .2
1
0 .5
5
2
2 0
1 0
T a = 2 5 °
Ic = 2 m A
V
= 2 V
1 0 0
5 0
C
tf
C E
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Similar Part No. - KP12103STLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP12103E COSMO-KP12103E Datasheet
96Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KP12103STLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K1010 COSMO-K1010_16 Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1300 COSMO-KT1300_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1610 COSMO-KT1610_16 Datasheet
182Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1310 COSMO-KT1310_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT101X COSMO-KT101X_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com