Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8338AAHC-P8T1G Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-8338AAHC-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8338AAHC-P8T1G Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-8338AAHC-P8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-8338AAHC-P8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8338AAHC-P8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8338AAHC-P8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8338AAHC-P8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8338AAHC-P8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8338AAHC-P8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8338AAHC-P8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8338AAHC-P8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
2
Block Diagram
PWM
comparator
VOUT
Timer latch
short-circuit
protection circuit
RDuty (S-8337) or
ON/OFF (S-8338)
RFB2
VSS
RFB1
FB
SD
L
VIN
EXT
UVLO
CSP
CC
RZ CZ
ROSC
M1
CFB
+
+
Oscillator
Maximum duty circuit
Reference voltage
(1.0 V) soft-start
circuit
Error amplifier
CIN
CL
Figure 1 Block Diagram


Similar Part No. - S-8338AAHC-P8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8338 SII-S-8338 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8338 ABLIC-S-8338 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8338AAHC-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com