Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP1040 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KP1040
Description  16PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1040 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KP1040_15 Datasheet HTML 1Page - COSMO  Electronics Corporation KP1040_15 Datasheet HTML 2Page - COSMO  Electronics Corporation KP1040_15 Datasheet HTML 3Page - COSMO  Electronics Corporation KP1040_15 Datasheet HTML 4Page - COSMO  Electronics Corporation KP1040_15 Datasheet HTML 5Page - COSMO  Electronics Corporation KP1040_15 Datasheet HTML 6Page - COSMO  Electronics Corporation KP1040_15 Datasheet HTML 7Page - COSMO  Electronics Corporation KP1040_15 Datasheet HTML 8Page - COSMO  Electronics Corporation KP1040_15 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P03001.2
- 2 -
http://www.cosmo-ic.com
cosmo
KP1040 Series
16PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Outside Dimension
Unit : mm
KP1040
KP1040S
KP1040H
KP1040L
TOLERANCE:±0.2mm
7.62
6.50
0.50
1.20
2.54
2.54
19.84
13.00
0.25
°
13.00
°
1.20
0.10±0.1
19.84
2.54
2.54
10.00±0.4
1.00
0.25
6.50
7.62
0~10°
19.84
1.20
0.50
2.54
6.50
7.62
0.25
10.16±0.50
0
~10°
6.50
7.62
10.16
0.90±0.25
0.90±0.25
11.80+0.2
-0.5
1.20
19.84
2.54
2.54
1.Dual-in-line type.
2.Surface mount type.
3.Long creepage distance type
4.Long creepage distance
for surface mount type.
Device Marking
Notes:
cosmo
1040
YWW
Y: Year code / WW: Week code
cosmo
1040
YWW


Similar Part No. - KP1040_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1040 COSMO-KP1040_10 Datasheet
125Kb / 6P
   PRODUCT SPECIFICATION
More results

Similar Description - KP1040_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040 COSMO-KP3040 Datasheet
242Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845 Datasheet
283Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040 COSMO-KP4040 Datasheet
283Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
   PHOTOTRANSISTOR / PHOTOCOUPLER
logo
Sharp Corporation
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
   DIP 16pin (4-channel) AC Input Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com