Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K20106ETRU Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # K20106ETRU
Description  6PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K20106ETRU Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  K20106ETRU Datasheet HTML 1Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 2Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 3Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 4Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 5Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 6Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 7Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 8Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P01001.2
- 5 -
http://www.cosmo-ic.com
cosmo
K2010 Series
6PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
1
5
10
2
3
4
6
5
7
5mA
9
8
20mA
I =30mA
20
15
25
30
Ta=25°
10mA
C
F
-55
0
-25
50
25
50
115
75
I =2m A
V
=5V
150
100
0
F
C E
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Collector-Emitter Saturation
Voltage vs. Forward Current
0
-5 5
0
5 0
2 5
7 5
1 1 5
Ic = 1 m A
0 .0 2
0 .0 4
0 .0 6
0 .1 0
0 .0 8
0 .1 2
0 .1 6
0 .1 4
I
= 2 0 m A
F
1 5
1 2
9
7
5
3
1
0
0
1
2
4
3
5
6
I c = 5 m A
I c = 7 m A
I c = 1 m A
I c = 3 m A
I c = 0 . 5 m A
T a = 2 5 C
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
vs. Load Resistance
Fig.11 Response Time (Fall)
vs. Load Resistance
5
2
1
0 .2
0.1
0 .5
0 .03
C
T a = 2 5°
2
0 .5
0 .1
0 .2
1
1 0
5
2 0
tr
V
= 2 V
Ic = 2m A
1 0 0
5 0
1 0
C E
1 0
5
2
1
0 .5
0 .2
0 .0 3
0 .1
C
T a = 2 5 °
2
0 .1
0 .2
1
0 .5
5
2 0
1 0
1 0 0
5 0
Ic = 2 m A
V
= 2 V
tf
C E
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Similar Part No. - K20106ETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K20106E COSMO-K20106E Datasheet
127Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K20106ETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
   PHOTOTRANSISTOR / PHOTOCOUPLER
logo
Lite-On Technology Corp...
MOC3020 LITEON-MOC3020 Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
COSMO Electronics Corp...
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com