Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACML-0201-121 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACML-0201-121
Description  SMD Multilayer Chip Bead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML-0201-121 Datasheet(HTML) 2 Page - Abracon Corporation

  ACML-0201-121 Datasheet HTML 1Page - Abracon Corporation ACML-0201-121 Datasheet HTML 2Page - Abracon Corporation ACML-0201-121 Datasheet HTML 3Page - Abracon Corporation ACML-0201-121 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
|| | | | | | || | | | | | |
ACML-0201
0.6 x 0.3 x 0.3 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
FREQUENCY RESPONSE
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 09.12.12
Visit
www.abracon.com for Terms & Conditions of Sale
1
10
100
1000
Frequency(MHz)
0
40
80
120
160
GZ0603D600TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
40
80
120
160
200
GZ0603D800TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
100
200
300
GZ0603D121TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
100
200
300
400
500
GZ0603D241TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
200
400
600
800
1000
GZ0603D471TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
200
400
600
800
1000
1200
GZ0603D601TF
X
Z
R
ACML-0201-600
ACML-0201-800
ACML-0201-121
ACML-0201-241
ACML-0201-471
ACML-0201-601
SMD Multilayer Chip Bead


Similar Part No. - ACML-0201-121

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0402-050 ABRACON-ACML-0402-050 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0402-070 ABRACON-ACML-0402-070 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0402-1000 ABRACON-ACML-0402-1000 Datasheet
100Kb / 2P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML-0402-102 ABRACON-ACML-0402-102 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
More results

Similar Description - ACML-0201-121

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
   MULTILAYER CHIP BEAD
logo
ABC Taiwan Electronics ...
MD1608400YL ABC-MD1608400YL Datasheet
361Kb / 7P
   MULTILAYER CHIP BEAD
SM4532 ABC-SM4532 Datasheet
217Kb / 6P
   MULTILAYER CHIP BEAD
logo
Bourns Electronic Solut...
CI160808_MDS BOURNS-CI160808_MDS Datasheet
301Kb / 1P
   Multilayer Chip Bead
logo
AiT Semiconductor Inc.
FBA AITSEMI-FBA Datasheet
167Kb / 3P
   MULTILAYER CHIP BEAD
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
   Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
   MULTILAYER CHIP BEAD ARRAY
08.07.07
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com