Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQW212TL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KAQW212TL
Description  8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW212TL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KAQW212TL Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW212TL Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW212TL Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW212TL Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW212TL Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW212TL Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW212TL Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW212TL Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW212TL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M20001.3
- 4 -
http://www.cosmo-ic.com
cosmo
KAQW212 Series
8PIN 60V N.O. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
2
1
8
7
4
3
6
5
2a
AC
DC
-
I L2
4
5
Load
5
(AC,DC)
(AC,DC)
(AC,DC)
(AC,DC)
(1) Two independent 1 Form A use
(2) 2 Form A use
4
IN
V
F
I
3
2
1
IN2
V
IN1
V
F2
I
3
IF1
2
1
6
7
8
Load
I L1
VL2
VL1
5
6
7
8
Load
Load
I L2
L1
I
VL2
VL1
5
Load
Load
6
7
8
I L2
I L1
L1
L2
V
V
(AC,DC)
(AC,DC)
Load
Load
6
7
8
I L2
L1
I
L1
L2
V
V
(AC,DC)
(AC,DC)
4
IN2
V
IN1
V
F2
I
3
IF1
2
1
4
IN
V
F
I
3
2
1


Similar Part No. - KAQW212TL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW212 COSMO-KAQW212 Datasheet
415Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
KAQW212A COSMO-KAQW212A Datasheet
415Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
KAQW212A COSMO-KAQW212A Datasheet
174Kb / 7P
   PRODUCT SPECIFICATION
KAQW212H COSMO-KAQW212H Datasheet
213Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQW212HA COSMO-KAQW212HA Datasheet
174Kb / 7P
   PRODUCT SPECIFICATION
More results

Similar Description - KAQW212TL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213 COSMO-KAQW213 Datasheet
480Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216 Datasheet
467Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
   8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216_15 Datasheet
249Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214 COSMO-KAQW214_15 Datasheet
249Kb / 12P
   8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213 COSMO-KAQW213_15 Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com