Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8351A45MC-J3ET2U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8351A45MC-J3ET2U
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A45MC-J3ET2U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8351A45MC-J3ET2U Datasheet HTML 4Page - Seiko Instruments Inc S-8351A45MC-J3ET2U Datasheet HTML 5Page - Seiko Instruments Inc S-8351A45MC-J3ET2U Datasheet HTML 6Page - Seiko Instruments Inc S-8351A45MC-J3ET2U Datasheet HTML 7Page - Seiko Instruments Inc S-8351A45MC-J3ET2U Datasheet HTML 8Page - Seiko Instruments Inc S-8351A45MC-J3ET2U Datasheet HTML 9Page - Seiko Instruments Inc S-8351A45MC-J3ET2U Datasheet HTML 10Page - Seiko Instruments Inc S-8351A45MC-J3ET2U Datasheet HTML 11Page - Seiko Instruments Inc S-8351A45MC-J3ET2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351/8352 Series
Rev.3.0_01
8
Pin Configurations
1
2
3
SOT-23-3
Top view
Figure 7
Table 6 S-8351 Series B and C Types
(Without shutdown function, VDD / VOUT non-separate type)
Pin No.
Symbol
Pin Description
1
VOUT
Output voltage pin and IC power supply pin
2
VSS
GND pin
3
CONT
External inductor connection pin (Open-drain output)
Table 7 S-8352 Series B and C Types
(Without shutdown function, VDD / VOUT non-separate type)
Pin No.
Symbol
Pin Description
1
VOUT
Output voltage pin and IC power supply pin
2
VSS
GND pin
3
EXT
External transistor connection pin (CMOS output)
SOT-23-5
Top view
5
4
3
2
1
Table 8 S-8351 Series A Type
(With shutdown function, VDD / VOUT non-separate type)
Pin No.
Symbol
Pin Description
1
OFF
/
ON
Shutdown pin
“H”: Normal operation (Step-up operating)
“L”: Step-up stopped (Entire circuit stopped)
2
VOUT
Output voltage pin and IC power supply pin
3
NC*1
No connection
4
VSS
GND pin
5
CONT
External inductor connection pin (Open-drain output)
Figure 8
*1. The NC pin indicates electrically open.
Table 9 S-8352 Series A Type
(With shutdown function, VDD / VOUT non-separate type)
Pin No.
Symbol
Pin Description
1
OFF
/
ON
Shutdown pin
“H”: Normal operation (Step-up operating)
“L”: Step-up stopped (Entire circuit stopped)
2
VOUT
Output voltage pin and IC power supply pin
3
NC*1
No connection
4
VSS
GND pin
5
EXT
External transistor connection pin (CMOS output)
*1. The NC pin indicates electrically open.


Similar Part No. - S-8351A45MC-J3ET2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351AxxMC SII-S-8351AxxMC Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351AXXMC ABLIC-S-8351AXXMC Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
More results

Similar Description - S-8351A45MC-J3ET2U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com