Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K30103CTLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # K30103CTLD
Description  4PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K30103CTLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  K30103CTLD Datasheet HTML 1Page - COSMO  Electronics Corporation K30103CTLD Datasheet HTML 2Page - COSMO  Electronics Corporation K30103CTLD Datasheet HTML 3Page - COSMO  Electronics Corporation K30103CTLD Datasheet HTML 4Page - COSMO  Electronics Corporation K30103CTLD Datasheet HTML 5Page - COSMO  Electronics Corporation K30103CTLD Datasheet HTML 6Page - COSMO  Electronics Corporation K30103CTLD Datasheet HTML 7Page - COSMO  Electronics Corporation K30103CTLD Datasheet HTML 8Page - COSMO  Electronics Corporation K30103CTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P10001.2
- 1 -
http://www.cosmo-ic.com
cosmo
K3010 Series
4PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Description
The K3010 series consist of two infrared emitting
diodes, connected in inverse parallel, optically coupled
to a phototransistor detector. They are packaged in a
4-pin DIP package and available in wide-lead spacing
and SMD option.
 Schematic
1. Anode, Cathode
2. Anode, Cathode
3. Emitter
4. Collector
Features
1.Current transfer ratio
( CTR:Min. 50% at IF=± 1mA VCE=5V )
2.High isolation voltage between input and output
( Viso:5000Vrms )
3.Pb free and RoHS compliant
4.MSL class 1
5.Agency Approvals
UL Approved (No. E169586): UL1577
c-UL Approved (No. E169586)
VDE Approved (No. 101347): DIN EN60747-5-5
FIMKO Approved: EN60065, EN60950, EN60335
SEMKO Approved: EN60065, EN60950, EN60335
CQC Approved: GB8898-2011, GB4943.1-2011
Applications
• System appliances
• Limit Switches
• Sensors
• Programmable controllers applications for Low Input Photocouplers and High Vceo Photocouplers
• Telephone sets
• Telephone exchangers
• Thermostats
• Signal transmission between circuits of different potentials and impedances


Similar Part No. - K30103CTLD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3010 VISHAY-K3010 Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
logo
COSMO Electronics Corp...
K3010 COSMO-K3010 Datasheet
408Kb / 2P
   High Reliability Photo Coupler
K3010 COSMO-K3010 Datasheet
96Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010 Datasheet
97Kb / 6P
   High Reliability Photocoupler
K30101A COSMO-K30101A Datasheet
96Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K30103CTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1210 COSMO-KP1210_15 Datasheet
291Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K1010 COSMO-K1010_16 Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1300 COSMO-KT1300_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1610 COSMO-KT1610_16 Datasheet
182Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1310 COSMO-KT1310_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT101X COSMO-KT101X_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com