Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQV210STR Datasheet(PDF) 10 Page - COSMO Electronics Corporation

Part # KAQV210STR
Description  6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV210STR Datasheet(HTML) 10 Page - COSMO Electronics Corporation

Back Button KAQV210STR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV210STR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV210STR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV210STR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV210STR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV210STR Datasheet HTML 9Page - COSMO  Electronics Corporation KAQV210STR Datasheet HTML 10Page - COSMO  Electronics Corporation KAQV210STR Datasheet HTML 11Page - COSMO  Electronics Corporation KAQV210STR Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M10004.3
- 10 -
http://www.cosmo-ic.com
cosmo
KAQV210 Series
6PIN 350V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 6-pin SMD Carrier Tape & Reel
2.0
4.0
0.35
10.46
12.0
4.25
TL
TR
Direction of feed from reel
Direction of feed from reel
Unit
mm
TOLERANCE
±0.2mm


Similar Part No. - KAQV210STR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KAQV210S DBLECTRO-KAQV210S Datasheet
135Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV210S COSMO-KAQV210S_11 Datasheet
170Kb / 7P
   PRODUCT SPECIFICATION
More results

Similar Description - KAQV210STR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216 Datasheet
490Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV213 COSMO-KAQV213_15 Datasheet
283Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com