Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23C1010PC-70 Datasheet(PDF) 3 Page - Macronix International

Part # MX23C1010PC-70
Description  1M-BIT MASK ROM (8 BIT OUTPUT)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C1010PC-70 Datasheet(HTML) 3 Page - Macronix International

  MX23C1010PC-70 Datasheet HTML 1Page - Macronix International MX23C1010PC-70 Datasheet HTML 2Page - Macronix International MX23C1010PC-70 Datasheet HTML 3Page - Macronix International MX23C1010PC-70 Datasheet HTML 4Page - Macronix International MX23C1010PC-70 Datasheet HTML 5Page - Macronix International MX23C1010PC-70 Datasheet HTML 6Page - Macronix International MX23C1010PC-70 Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
P/N:PM0227
REV. 4.0, DEC. 10, 1998
MX23C1010
AC CHARACTERISTICS (Ta = -40°C ~ 85°C, VCC = 5V±10% for 70ns max., 5V±5% for 45ns max.)
ITEM
SYMBOL
23C1010-45*
23C1010-70*
23C1010-90
23C1010-10
23C1010-12
23C1010-15
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN
MAX
MIN
MAX
Read Cycle Time
tRC
45ns
-
70ns
-
90ns
-
100ns
-
120ns
-
150ns
-
Address Access Time
tAA
-
45ns
-
70ns
-
90ns
-
100ns
-
120ns
-
150ns
Chip Enable Access Time
tACE
-
45ns
-
70ns
-
90ns
-
100ns
-
120ns
-
150ns
Output Enable Time
tOE
-
25ns
-
35ns
-
40ns
-
45ns
-
50ns
-
60ns
Output Hold After Address
tOH
0ns
-
0ns
-
0ns
-
0ns
-
0ns
-
0ns
-
Output High Z Delay
tHZ
-
17ns
-
20ns
-
25ns
-
30ns
-
35ns
-
50ns
Note :Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by
design over the full voltage and temperature operating range - not tested.
*45ns&70ns speed grades are under development.
AC Test Conditions
Input Pulse Levels
0.4V~2.4V
0V~3v (for 45ns&70ns)
Input Rise and Fall Times
10ns
Input Timing Level
0.8V~2.0V
1.5V (for 45ns&70ns)
Output Timing Level
0.8V and 2.0V
1.5V (for 45ns&70ns)
Output Load
See Figure
TIMING DIAGRAM
RANDOM READ
ADD
CE
tACE
tOE
tAA
tOH
tHZ
ADD
ADD
ADD
VALLID
VALLID
VALLID
OE
DATA
Note : CE, OE are enable.
tRC
DEVICE
UNDER
TEST
DIODES = IN3064
OR EQUIVALENT
6.2K ohm
1.8K ohm
+5V
CL=100pF*
*CL=30pF for 45ns&70ns
INDEX


Similar Part No. - MX23C1010PC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
MX23C1024PC-12 MCNIX-MX23C1024PC-12 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
MX23C1024PC-15 MCNIX-MX23C1024PC-15 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
MX23C1024PC-20 MCNIX-MX23C1024PC-20 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
MX23C1024QC-12 MCNIX-MX23C1024QC-12 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
More results

Similar Description - MX23C1010PC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4000 MCNIX-MX23C4000 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L4000 MCNIX-MX23L4000 Datasheet
329Kb / 7P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
23C2000 MCNIX-23C2000 Datasheet
58Kb / 8P
   2M-BIT MASK ROM (8 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com