Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-23147-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 1-23147-2
Description  Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-23147-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  1-23147-2 Datasheet HTML 1Page - TE Connectivity Ltd 1-23147-2 Datasheet HTML 2Page - TE Connectivity Ltd 1-23147-2 Datasheet HTML 3Page - TE Connectivity Ltd 1-23147-2 Datasheet HTML 4Page - TE Connectivity Ltd 1-23147-2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408- 6929
3
of 5
Rev E
3 — The contact beams are NOT deformed. If
damage is apparent, replace the contacts in
accordance with the instructions packaged with the
connector.
4 — The wire insulation is NOT nicked or cut in
any area other than the two contact slots.
5 — The wire extends past the wire retainer (strain
relief) of the connector.
4. WIRE INSERTION DEPTH ADJUSTMENT (See Figure 4)
1. Remove the head from the handle assembly.
2. If the wire is inserted too deeply (more than the
required wire insertion depth), reduce the wire
insertion depth by turning the adjuster 1/6 of a
revolution clockwise. The wire insertion depth will
be reduced by approximately 0.20 mm [.008 in.].
If the wire is bottomed in the contact slot, this
indicates that the adjuster is set to the maximum
wire insertion depth — DO NOT turn the adjuster
counterclockwise; otherwise damage to the head
may occur.
If the wire is not inserted deeply enough (less than
the required wire insertion depth), increase the wire
insertion depth by turning the adjuster 1/6 of a
revolution counterclockwise. The wire insertion
depth will be increased by approximately 0.20 mm
[.008 in.].
When turning the adjuster counterclockwise,
make sure to check the wire insertion depth after
EACH 1/6 revolution. If the adjuster is set past the
maximum setting, damage to the head may
occur.
Figure 4
Turn CLOCKWISE to
Reduce Wire Insertion Depth
Turn COUNTERCLOCKWISE to
Increase Wire Insertion Depth
DO NOT Turn Past Maximum Setting
Refer to CAUTION
Adjuster
Wire Insertion Depth Adjustment
Note: 1
/6 Revolution Equals 0.20 mm [.008 in.] Adjustment
5. TERMINATING PROCEDURE (Refer to Figure 5)
There is no wire preparation required.
1. Insert the connector into the left side of the
head.
2. Align the contact to be terminated with the wire
inserter of the head (shown in Figure 1). Make sure
that the locating pawl rests between the connector
index ribs.
3. Insert an unstripped wire into the funnel area
between the contact and the wire inserter until it
bottoms on the tool base.
4. Squeeze the cam handle (manual) or depress
the trigger (pneumatic) of the handle assembly,
and hold it until the ratchet releases (manual) or
the wire inserter bottoms (pneumatic).
5. Release the cam handle or trigger. The wire
inserter will retract and the feed slide will
automatically advance the connector to the next
contact position.
The locating pawl will move up and down as the
connector is automatically advanced through the
head. However, if movement is obstructed, or if
desired, the locating pawl can be depressed and
the connector moved manually out of the RIGHT
side of the head.
6. Repeat Steps 2 through 5 until all contacts have
been terminated.
7. Inspect each termination according to
Paragraph 3.2.
6. MAINTENANCE AND INSPECTION
6.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
with a clean, soft brush or lint--free cloth. DO NOT
use objects that could damage the head.
2. Make sure that all components are in place and
properly secured.
3. Actuate the tool to make sure that the
mechanisms inside the head function smoothly.
6.2. Periodic Maintenance
1. Remove any accumulated film with a suitable
cleaning agent that will not affect plastic.
2. Make sure all components are in place and
properly secured.
3. Check for chipped, cracked, worn, or broken
areas on the head. If damage is evident, repair or
replace the head.
CAUTION
!
CAUTION
!
NOTE
i
NOTE
i


Similar Part No. - 1-23147-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-23147-2 MACOM-1-23147-2 Datasheet
224Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
1-23147-2 TEC-1-23147-2 Datasheet
172Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
1-23147-2 TEC-1-23147-2 Datasheet
336Kb / 5P
   Mass Insertion Terminating Head
More results

Similar Description - 1-23147-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4074 TEC-408-4074 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-8340 TEC-408-8340 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-9603 MACOM-408-9603 Datasheet
224Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9085 MACOM-408-9085 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9910 MACOM-408-9910 Datasheet
169Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10047 MACOM-408-10047 Datasheet
228Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com