Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8340A50AFT-T2-G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8340A50AFT-T2-G
Description  SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8340A50AFT-T2-G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8340A50AFT-T2-G Datasheet HTML 1Page - Seiko Instruments Inc S-8340A50AFT-T2-G Datasheet HTML 2Page - Seiko Instruments Inc S-8340A50AFT-T2-G Datasheet HTML 3Page - Seiko Instruments Inc S-8340A50AFT-T2-G Datasheet HTML 4Page - Seiko Instruments Inc S-8340A50AFT-T2-G Datasheet HTML 5Page - Seiko Instruments Inc S-8340A50AFT-T2-G Datasheet HTML 6Page - Seiko Instruments Inc S-8340A50AFT-T2-G Datasheet HTML 7Page - Seiko Instruments Inc S-8340A50AFT-T2-G Datasheet HTML 8Page - Seiko Instruments Inc S-8340A50AFT-T2-G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
S-8340/8341 Series
www.sii-ic.com
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM
SWITCHABLE SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 1999-2010
Rev.4.0_01
1
The S-8340/8341 Series is a CMOS step-up switching regulator controller which mainly consists of a reference voltage
source, oscillation circuit, error amplifier, phase compensation circuit, PWM control circuit (S-8340 Series), and PWM/PFM
switching control circuit (S-8341 Series).
Since the oscillation frequency is a high 300 kHz or 600 kHz, with the addition of a small external part, the S-8340/8341
Series functions as a highly efficient step-up switching regulator with a high output current. The speed of the output stage is
enhanced so that the N-channel power MOS with a low on-resistance can be switched quickly.
The S-8340 Series realizes low ripple, high efficiency, and excellent transient characteristics thanks to a PMW control circuit
capable of varying the duty ratio linearly from 0 to 82%, optimized error amplifier, and phase compensation circuit.
The S-8341 Series contains a PWM/PFM switching control circuit so that it operates using PWM control with a duty ratio of
27% or higher and using PFM control with a duty ratio of lower than 27% to ensure high efficiency in all load ranges.
These S-8340/8341 Series serve as ideal main power supply units for portable devices when coupled with the 8-Pin TSSOP
package and high oscillation frequencies.
Features
• Oscillation frequency :
600 kHz (A and B types), 300 kHz (C and D types).
• Output voltage :
Selectable in 0.1 V steps between 2.5 to 6.0 V (output voltage fixed output type)
• Output voltage accuracy : ±2.0%
• Output voltage external setting (FB) type available. FB terminal voltage (VFB) 1.0 V
• External parts :
Coil, diode, capacitors (3), transistor, and resistor only
• Duty ratio :
0 to 82% (typ.) PWM control (S-8340 Series)
27 to 82% (typ.) PWM/PFM switching control (S-8341 Series A and B types)
21 to 82% (typ.) PWM/PFM switching control (S-8341 Series C and D types)
• Low-voltage operation:
Oscillation guaranteed to start when VDD
= 0.9 V
• Built-in current limit circuit: Can be set with an external resistor (RSENSE)
• Soft-start function set by an external capacitor (CSS)
• Shutdown function
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for portable equipments such as PDAs, electronic notebooks, and cellular phones
• Power supplies for audio equipments such as portable CD players, portable MD players, and headphone stereos
• Main or local power supplies for notebook PCs and peripherals
• Constant voltage power supplies for cameras, VCRs, and communication devices
Package
• 8-Pin TSSOP


Similar Part No. - S-8340A50AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-G SII-S-8340A25AFT-T2-G Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-U SII-S-8340A25AFT-T2-U Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A60AFT-T2-G SII-S-8340A60AFT-T2-G Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A60AFT-T2-U SII-S-8340A60AFT-T2-U Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8340A50AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540A15FN-IAAT2Z SII-S-8540A15FN-IAAT2Z Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com