Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8264BAA-I8T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8264BAA-I8T1U
Description  BATTERY PROTECTION IC FOR 2-SERIAL
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8264BAA-I8T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8264BAA-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8264BAA-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8264BAA-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8264BAA-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8264BAA-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8264BAA-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8264BAA-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8264BAA-I8T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8264BAA-I8T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.2_02
S-8264A/B/C Series
9
Absolute Maximum Ratings
Table 8
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Applied Pin
Rating
Unit
Input voltage between VDD and VSS
VDS
VDD
VSS
− 0.3 to VSS + 26
V
Input pin voltage
VIN
SENSE, VC1, VC2, VC3, CTL
VSS
− 0.3 to VDD + 0.3
V
CO output pin voltage
VCO
CO
VSS
− 0.3 to VDD + 0.3
V
Power dissipation
SNT-8A
PD
450
*1
mW
8-Pin TSSOP
700
*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name :
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
0
Ambient Temperature (Ta) [
°C]
8-Pin TSSOP
400
600
200
SNT-8A
Figure 6 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-8264BAA-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8264BAA-I8T1U ABLIC-S-8264BAA-I8T1U Datasheet
610Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.4_00
More results

Similar Description - S-8264BAA-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8213AAB-I6T1U SII-S-8213AAB-I6T1U Datasheet
1Mb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL
S8264A SII-S8264A Datasheet
716Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL
logo
Unisonic Technologies
UB264A UTC-UB264A_17 Datasheet
210Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL
logo
ABLIC Inc.
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S-8232 SII-S-8232 Datasheet
679Kb / 27P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S-8242B SII-S-8242B Datasheet
395Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com