Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8533A13AFT-TB-U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8533A13AFT-TB-U
Description  SWITCHING REGULATOR CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8533A13AFT-TB-U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8533A13AFT-TB-U Datasheet HTML 1Page - Seiko Instruments Inc S-8533A13AFT-TB-U Datasheet HTML 2Page - Seiko Instruments Inc S-8533A13AFT-TB-U Datasheet HTML 3Page - Seiko Instruments Inc S-8533A13AFT-TB-U Datasheet HTML 4Page - Seiko Instruments Inc S-8533A13AFT-TB-U Datasheet HTML 5Page - Seiko Instruments Inc S-8533A13AFT-TB-U Datasheet HTML 6Page - Seiko Instruments Inc S-8533A13AFT-TB-U Datasheet HTML 7Page - Seiko Instruments Inc S-8533A13AFT-TB-U Datasheet HTML 8Page - Seiko Instruments Inc S-8533A13AFT-TB-U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
S-8533 Series
www.sii-ic.com
STEP-DOWN, SYNCHRONOUS PWM CONTROL
SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2002-2010
Rev.3.0_01
1
The S-8533 Series is a synchronous PWM control CMOS step-down switching regulator controller that includes a reference
voltage source, synchronous circuit, oscillation circuit, error amplifier, phase compensation circuit, and PWM controller.
An efficient step-down switching regulator can be realized simply by adding external P-channel and N-channel power MOS
FETs, one coil, and three capacitors.
Since the oscillation frequency is a high 300 kHz, the S-8533 can be used to configure a high efficiency step-down switching
regulator capable of driving high output current using small external parts and a 3 to 10% increase in efficiency is obtained
compared to conventional step-down switching regulators.
The 8-Pin TSSOP package and high oscillation frequency make the S-8533 ideal as the main power supply for portable
devices.
Features
• Synchronous rectification system realizing high efficiency (typ. 94%)
• Use at maximum duty ratio = 100% and use of a battery up to maximum life is possible by using P-channel and N-
channel power MOS FETs externally.
• Oscillation frequency :
300 kHz typ.
• Input voltage :
2.7 to 16.0 V
• Output voltage :
1.25 V
1.3 to 6.0 V, selectable in 0.1 V steps
• Output voltage accuracy : ±2.0%
• Soft-start function set by an external capacitor (CSS)
• Shutdown function
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Constant voltage power supply for hard disks and DVD drivers
• Power supplies for portable devices, such as digital cameras, PDAs, electronic organizers, and cellular phones
• Main or sub power supply for notebook PCs and peripherals
• Constant voltage power supply for cameras, video equipment, and communication equipment
Package
• 8-Pin TSSOP


Similar Part No. - S-8533A13AFT-TB-U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533A13AFT-TB-U SII-S-8533A13AFT-TB-U Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8533A13AFT-TB-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com